Electronic Components Datasheet Search
  English  ▼

X  

AD8017 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8017
Description  Dual High Output Current, High Speed Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8017 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8017 Datasheet HTML 5Page - Analog Devices AD8017 Datasheet HTML 6Page - Analog Devices AD8017 Datasheet HTML 7Page - Analog Devices AD8017 Datasheet HTML 8Page - Analog Devices AD8017 Datasheet HTML 9Page - Analog Devices AD8017 Datasheet HTML 10Page - Analog Devices AD8017 Datasheet HTML 11Page - Analog Devices AD8017 Datasheet HTML 12Page - Analog Devices AD8017 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8017
–9–
REV. C
FREQUENCY – kHz
+20
–80
–20
–40
–60
0
0
50
100
150
TPC 23. Multitone Power Ratio: VS =
±6 V, 13 dBm
Output Power into 25
Ω
FREQUENCY – MHz
0.1
1000
1
10
100
0
–50
–10
–20
–30
–40
–60
–70
–80
–90
–100
TPC 24. CMRR vs. Frequency; VS =
±6 V or VS = ±2.5 V
FREQUENCY – kHz
0.01
100
0.1
110
0.4
0.3
0.1
0
0.2
12
10
6
0
8
4
2
iN
eN
TPC 25. Noise vs. Frequency
SERIES RESISTANCE –
120
20
80
60
40
100
0
24
8
0
6
TPC 26. RS and CL vs. 30% Overshoot
FREQUENCY – MHz
0.1
1000
1
10
100
0
–50
–10
–20
–30
–40
–60
–70
–80
–PSRR
+PSRR
TPC 27. PSRR vs. Frequency; VS =
±6 V or VS = ±2.5 V
FREQUENCY – MHz
0.001
10
0.1
1
1
180
0
120
60
1000
100
100
TRANSIMPEDANCE
PHASE
10
1000
0.01
TPC 28. Open-Loop Transimpedance and Phase vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com