Electronic Components Datasheet Search
  English  ▼

X  

AD8017AR Datasheet(PDF) 6 Page - Analog Devices

Part # AD8017AR
Description  Dual High Output Current, High Speed Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8017AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8017AR Datasheet HTML 2Page - Analog Devices AD8017AR Datasheet HTML 3Page - Analog Devices AD8017AR Datasheet HTML 4Page - Analog Devices AD8017AR Datasheet HTML 5Page - Analog Devices AD8017AR Datasheet HTML 6Page - Analog Devices AD8017AR Datasheet HTML 7Page - Analog Devices AD8017AR Datasheet HTML 8Page - Analog Devices AD8017AR Datasheet HTML 9Page - Analog Devices AD8017AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8017
–6–
REV. C
VOUT = 2V p-p
G = +2
FREQUENCY – MHz
0
–120
0.1
100
–60
10
1
–20
–40
–80
–100
2ND
3RD
TPC 5. Distortion vs. Frequency; VS =
±6 V, RL = 100 Ω
FREQUENCY – MHz
0
0.1
100
–60
10
1
–20
–40
–80
–100
2ND
3RD
VOUT = 2V p-p
G = +2
TPC 6. Distortion vs. Frequency; VS =
±6 V, RL = 25 Ω
OUTPUT CURRENT – mA
–70
0
500
–30
100
200
300
400
–60
–50
–40
VS = 6V
RL = 25
–20
600
VS = 6V
RL = 10
VS = 6V
RL = 5
TPC 7. Distortion vs. Output Current; VS =
±6 V,
f = 1 MHz, G = +2
FREQUENCY – MHz
0
–120
0.1
100
–60
10
1
–20
–40
–80
–100
2ND
3RD
VOUT = 2V p-p
G = +2
TPC 8. Distortion vs. Frequency; VS =
±2.5 V, RL = 100 Ω
FREQUENCY – MHz
0
–90
0.1
100
–60
10
1
–40
–50
–70
–80
2ND
3RD
–30
–20
–10
VOUT = 2V p-p
G = +2
TPC 9. Distortion vs. Frequency; VS =
±2.5 V, RL = 25 Ω
OUTPUT CURRENT – mA
–20
–60
–70
–50
400
100
200
VS = 2.5V
RL = 25
0
300
–40
–30
VS = 2.5V
RL = 10
VS = 2.5V
RL = 5
TPC 10. Distortion vs. Output Current; VS =
±2.5 V,
f = 1 MHz, G = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com