Electronic Components Datasheet Search
  English  ▼

X  

AD8067 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8067
Description  High Gain Bandwidth Product, Precision Fast FET??Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8067 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8067 Datasheet HTML 12Page - Analog Devices AD8067 Datasheet HTML 13Page - Analog Devices AD8067 Datasheet HTML 14Page - Analog Devices AD8067 Datasheet HTML 15Page - Analog Devices AD8067 Datasheet HTML 16Page - Analog Devices AD8067 Datasheet HTML 17Page - Analog Devices AD8067 Datasheet HTML 18Page - Analog Devices AD8067 Datasheet HTML 19Page - Analog Devices AD8067 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8067
Rev. A | Page 16 of 24
INPUT PROTECTION
The inputs of the AD8067 are protected with back-to-back
diodes between the input terminals as well as ESD diodes to
either power supply. The result is an input stage with picoamp
level input currents that can withstand 2 kV ESD events
(human body model) with no degradation.
Excessive power dissipation through the protection devices
destroys or degrades the performance of the amplifier.
Differential voltages greater than 0.7 V result in an input
current of approximately (| V+ – V− | − 0.7 V)/(RI + RG)),
where RI and RG are the resistors (see Figure 46). For input
voltages beyond the positive supply, the input current is about
(VI – VCC – 0.7 V)/RI. For input voltages beyond the negative
supply, the input current is about (VI – VEE + 0.7 V)/RI. For any
of these conditions, RI should be sized to limit the resulting
input current to 50 mA or less.
VI
RI > (VI – VEE + 0.7V)/50mA
RI > (VI – VCC – 0.7V)/50mA
FOR VI BEYOND
SUPPLY VOLTAGES
VOUT
–
+
RG
RF
RI
–
+
AD8067
RI > ( |V+ – V– | –0.7V)/50mA
FOR LARGE |V+ – V– |
Figure 46. Current Limiting Resistor
CAPACITIVE LOAD DRIVE
Capacitive load introduces a pole in the amplifier loop response
due to the finite output impedance of the amplifier. This can
cause excessive peaking and ringing in the response. The
AD8067 with a gain of +10 handles up to a 30 pF capacitive
load without an excessive amount of peaking (see Figure 8). If
greater capacitive load drive is required, consider inserting a
small resistor in series with the load (24.9 Ω is a good value to
start with). Capacitive load drive capability also increases as the
gain of the amplifier increases.
LAYOUT, GROUNDING, AND BYPASSING
CONSIDERATIONS
Layout
In extremely low input bias current amplifier applications, stray
leakage current paths must be kept to a minimum. Any voltage
differential between the amplifier inputs and nearby traces sets
up a leakage path through the PCB. Consider a 1 V signal and
100 GΩ to ground present at the input of the amplifier. The
resultant leakage current is 10 pA; this is 10× the input bias
current of the amplifier. Poor PCB layout, contamination, and
the board material can create large leakage currents. Common
contaminants on boards are skin oils, moisture, solder flux, and
cleaning agents. Therefore, it is imperative that the board be
thoroughly cleaned and the board surface be free of contaminants
to fully take advantage of the AD8067’s low input bias currents.
To significantly reduce leakage paths, a guard-ring/shield
around the inputs should be used. The guard-ring circles the
input pins and is driven to the same potential as the input
signal, thereby reducing the potential difference between pins.
For the guard ring to be completely effective, it must be driven
by a relatively low impedance source and should completely
surround the input leads on all sides, above, and below, using a
multilayer board (see Figure 47). The SOT-23-5 package
presents a challenge in keeping the leakage paths to a minimum.
The pin spacing is very tight, so extra care must be used when
constructing the guard ring (see Figure 48 for recommended
guard-ring construction).
NONINVERTING
GUARD RING
INVERTING
GUARD RING
Figure 47. Guard-Ring Configurations
+V
–IN
+IN
–V
VOUT
AD8067
NONINVERTING
+V
–IN
+IN
–V
VOUT
AD8067
INVERTING
Figure 48. Guard-Ring Layout SOT-23-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com