Electronic Components Datasheet Search
  English  ▼

X  

DS1972 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1972
Description  1024-Bit EEPROM iButton
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1972 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1972 Datasheet HTML 1Page - Maxim Integrated Products DS1972 Datasheet HTML 2Page - Maxim Integrated Products DS1972 Datasheet HTML 3Page - Maxim Integrated Products DS1972 Datasheet HTML 4Page - Maxim Integrated Products DS1972 Datasheet HTML 5Page - Maxim Integrated Products DS1972 Datasheet HTML 6Page - Maxim Integrated Products DS1972 Datasheet HTML 7Page - Maxim Integrated Products DS1972 Datasheet HTML 8Page - Maxim Integrated Products DS1972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1024-Bit EEPROM iButton
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IO Voltage Range to GND .......................................-0.5V to +6V
IO Sink Current ...................................................................20mA
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-55°C to +125°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: GENERAL DATA
1-Wire Pullup Voltage
VPUP
(Note 2)
2.8
5.25
V
1-Wire Pullup Resistance
RPUP
(Notes 2, 3)
0.3
2.2
k
Input Capacitance
CIO
(Notes 4, 5)
1000
pF
Input Load Current
IL
IO pin at VPUP
0.05
6.7
μA
High-to-Low Switching Threshold
VTL
(Notes 5, 6, 7)
0.5
VPUP -
1.8
V
Input Low Voltage
VIL
(Notes 2, 8)
0.5
V
Low-to-High Switching Threshold
VTH
(Notes 5, 6, 9)
1.0
VPUP -
1.0
V
Switching Hysteresis
VHY
(Notes 5, 6, 10)
0.21
1.70
V
Output Low Voltage
VOL
At 4mA (Note 11)
0.4
V
Standard speed, RPUP = 2.2k
5
Overdrive speed, RPUP = 2.2k
2
Recovery Time
(Notes 2, 12)
tREC
Overdrive speed, directly prior to reset
pulse; RPUP = 2.2k
5
μs
Standard speed
0.5
5.0
Rising-Edge Hold-Off Time
(Notes 5, 13)
tREH
Overdrive speed
Not applicable (0)
μs
Standard speed
65
Time Slot Duration
(Notes 2, 14)
tSLOT
Overdrive speed
8
μs
IO PIN: 1-Wire RESET, PRESENCE-DETECT CYCLE
Standard speed
480
640
Reset Low Time (Note 2)
tRSTL
Overdrive speed
48
80
μs
Standard speed
15
60
Presence-Detect High Time
tPDH
Overdrive speed
2
6
μs
Standard speed
60
240
Presence-Detect Low Time
tPDL
Overdrive speed
8
24
μs
Standard speed
60
75
Presence-Detect Sample Time
(Notes 2, 15)
tMSP
Overdrive speed
6
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com