Electronic Components Datasheet Search
  English  ▼

X  

DS1972 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # DS1972
Description  1024-Bit EEPROM iButton
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1972 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button DS1972 Datasheet HTML 15Page - Maxim Integrated Products DS1972 Datasheet HTML 16Page - Maxim Integrated Products DS1972 Datasheet HTML 17Page - Maxim Integrated Products DS1972 Datasheet HTML 18Page - Maxim Integrated Products DS1972 Datasheet HTML 19Page - Maxim Integrated Products DS1972 Datasheet HTML 20Page - Maxim Integrated Products DS1972 Datasheet HTML 21Page - Maxim Integrated Products DS1972 Datasheet HTML 22Page - Maxim Integrated Products DS1972 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
1024-Bit EEPROM iButton
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 23
© 2012 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
4/06
Initial release
—
1
8/06
UL#913 bullet changed from “Meets UL#93 (4th Edit.). . .(Application Pending)” to
“Designed to meet UL#93 (4th Edit.). . .”
1, 2
Deleted UL#913 bullet from the Common iButton Features section.
1
2
8/09
Changed the RoHS packages to lead(Pb)-free packages in the Ordering Information
table.
1
Changed VTLMIN from 0.46V to 0.5V in the Electrical Characteristics table.
2
In the Absolute Maximum Ratings, changed storage temp to -55°C to +125°C; in the
Electrical Characteristics table, changed VTH, VTL based on VPUP and data retention to
40 years min at 85°C; added note to retention spec: “EEPROM writes can become
nonfunctional after the data-retention time is exceeded. Long-term storage at elevated
temperatures is not recommended; the device can lose its write capability after 10
years at +125°C or 40 years at +85°C.”
2, 3
In the Electrical Characteristics table, changed the VILMAX spec from 0.3V to 0.5V;
removed
from the tW1LMAX spec; added Note 17 to tW0L spec; updated EC table
Notes 17 and 18; corrected Note 20.
2, 3
Added
to Figure 11 Write-Zero Time Slot.
18
Added Package Information table.
22
3
4/10
Created newer template-style data sheet.
All
4
1/12
Updated Note 1 in the Electrical Characteristics section; specified the data memory
default status and added a note that the memory must be programmed to FFh for the
EPROM mode to function to the Memory Access section.
3, 7, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com