Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS9101
Description  1024-Bit EEPROM iButton
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS9101 Datasheet HTML 1Page - Maxim Integrated Products DS9101 Datasheet HTML 2Page - Maxim Integrated Products DS9101 Datasheet HTML 3Page - Maxim Integrated Products DS9101 Datasheet HTML 4Page - Maxim Integrated Products DS9101 Datasheet HTML 5Page - Maxim Integrated Products DS9101 Datasheet HTML 6Page - Maxim Integrated Products DS9101 Datasheet HTML 7Page - Maxim Integrated Products DS9101 Datasheet HTML 8Page - Maxim Integrated Products DS9101 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1024-Bit EEPROM iButton
________________________________________________________________
Maxim Integrated Products
1
19-4888; Rev 4; 1/12
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The DS1972 is a 1024-bit, 1-Wire® EEPROM chip orga-
nized as four memory pages of 256 bits each in a
rugged iButton® package. Data is written to an 8-byte
scratchpad, verified, and then copied to the EEPROM
memory. As a special feature, the four memory pages
can individually be write protected or put in EPROM-
emulation mode, where bits can only be changed from
a 1 to a 0 state. The DS1972 communicates over the
single-conductor 1-Wire bus. The communication fol-
lows the standard 1-Wire protocol. Each device has its
own unalterable and unique 64-bit ROM registration
number that is factory lasered into the device. The reg-
istration number is used to address the device in a mul-
tidrop, 1-Wire net environment.
Applications
Access Control/Parking Meter
Work-in-Progress Tracking
Tool Management
Inventory Control
Maintenance/Inspection Data Storage
Features
♦ 1024 Bits of EEPROM Memory Partitioned Into
Four Pages of 256 Bits
♦ Individual Memory Pages Can Be Permanently
Write Protected or Put in EPROM-Emulation Mode
(“Write to 0”)
♦ Switchpoint Hysteresis and Filtering to Optimize
Performance in the Presence of Noise
♦ IEC 1000-4-2 Level 4 ESD Protection (±8kV
Contact, ±15kV Air, Typical)
♦ Reads and Writes Over a Wide Voltage Range
from 2.8V to 5.25V from -40°C to +85°C
♦ Communicates to Host with a Single Digital
Signal at 15.4kbps or 125kbps Using 1-Wire
Protocol
Common iButton Features
♦ Unique Factory-Lasered 64-Bit Registration
Number Ensures Error-Free Device Selection and
Absolute Traceability Because No Two Parts are
Alike
♦ Built-In Multidrop Controller for 1-Wire Net
♦ Chip-Based Data Carrier Stores Digital
Identification and Information, Armored in a
Durable Stainless-Steel Case
♦ Data Can Be Accessed While Affixed to Object
♦ Button Shape is Self-Aligning with Cup-Shaped
Probes
♦ Easily Affixed with Self-Stick Adhesive Backing,
Latched by its Flange, or Locked with a Ring
Pressed Onto its Rim
♦ Presence Detector Acknowledges When Reader
First Applies Voltage
Ordering Information
16.25mm
5.89mm
0.51mm
3.10mm
0.51mm
17.35mm
BRANDING
F5 SIZE
GND
GND
IO
IO
F3 SIZE
52
2D
0000006234FB
1-Wire®
®
u t
t o n
®. c
W
W
ZZZ DS197
2
Pin Configurations
+
Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP RANGE
PIN-PACKAGE
DS1972-F5+
-40°C to +85°C
F5 iButton
DS1972-F3+
-40°C to +85°C
F3 iButton
Examples of Accessories
PART
ACCESSORY
DS9096P
Self-Stick Adhesive Pad
DS9101
Multipurpose Clip
DS9093RA
Mounting Lock Ring
DS9093A
Snap-In Fob
DS9092
iButton Probe
1-Wire and iButton are registered trademarks of Maxim
Integrated Products, Inc.


Similar Part No. - DS9101

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9101 DALLAS-DS9101 Datasheet
72Kb / 12P
RTC iButton
DS9101 DALLAS-DS9101 Datasheet
729Kb / 22P
Temperature iButton
logo
Maxim Integrated Produc...
DS9101 MAXIM-DS9101 Datasheet
139Kb / 12P
Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS9101 MAXIM-DS9101 Datasheet
675Kb / 42P
Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS9101 MAXIM-DS9101 Datasheet
649Kb / 55P
Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
More results

Similar Description - DS9101

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1971 DALLAS-DS1971 Datasheet
234Kb / 3P
256-Bit EEPROM iButton
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
1024-Bit EEPROM iButton
REV: 083006
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
1024-Bit 1-Wire EEPROM
Rev 8; 10/09
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS1971 MAXIM-DS1971 Datasheet
265Kb / 4P
256-Bit EEPROM iButton®
7/09
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
1024-Bit EEPROM iButton
Rev 3; 4/10
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
1024-Bit, 1-Wire EEPROM
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com