Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS9101
Description  1024-Bit EEPROM iButton
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9101 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS9101 Datasheet HTML 15Page - Maxim Integrated Products DS9101 Datasheet HTML 16Page - Maxim Integrated Products DS9101 Datasheet HTML 17Page - Maxim Integrated Products DS9101 Datasheet HTML 18Page - Maxim Integrated Products DS9101 Datasheet HTML 19Page - Maxim Integrated Products DS9101 Datasheet HTML 20Page - Maxim Integrated Products DS9101 Datasheet HTML 21Page - Maxim Integrated Products DS9101 Datasheet HTML 22Page - Maxim Integrated Products DS9101 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
1024-Bit EEPROM iButton
______________________________________________________________________________________
19
Improved Network Behavior
(Switchpoint Hysteresis)
In a 1-Wire environment, line termination is possible
only during transients controlled by the bus master
(1-Wire driver). 1-Wire networks, therefore, are suscep-
tible to noise of various origins. Depending on the
physical size and topology of the network, reflections
from end points and branch points can add up or can-
cel each other to some extent. Such reflections are visi-
ble as glitches or ringing on the 1-Wire communication
line. Noise coupled onto the 1-Wire line from external
sources can also result in signal glitching. A glitch dur-
ing the rising edge of a time slot can cause a slave
device to lose synchronization with the master and,
consequently, result in a Search ROM command com-
ing to a dead end or cause a device-specific function
command to abort. For better performance in network
applications, the DS1972 uses a new 1-Wire front-end,
which makes it less sensitive to noise.
The DS1972’s 1-Wire front-end differs from traditional
slave devices in three characteristics.
1) There is additional lowpass filtering in the circuit that
detects the falling edge at the beginning of a time
slot. This reduces the sensitivity to high-frequency
noise. This additional filtering does not apply at
overdrive speed.
2) There is a hysteresis at the low-to-high switching
threshold VTH. If a negative glitch crosses VTH but
does not go below VTH - VHY, it is not recognized
(Figure 12, Case A). The hysteresis is effective at
any 1-Wire speed.
3) There is a time window specified by the rising edge
hold-off time tREH during which glitches are ignored,
even if they extend below the VTH - VHY threshold
(Figure 12, Case B, tGL < tREH). Deep voltage drops
or glitches that appear late after crossing the VTH
threshold and extend beyond the tREH window can-
not be filtered out and are taken as the beginning of a
new time slot (Figure 12, Case C, tGL
≥ tREH).
Devices that have the parameters VHY and tREH speci-
fied in their electrical characteristics use the improved
1-Wire front-end.
CRC Generation
The DS1972 uses two different types of CRCs. One
CRC is an 8-bit type and is stored in the most signifi-
cant byte of the 64-bit ROM. The bus master can com-
pute a CRC value from the first 56 bits of the 64-bit
ROM and compare it to the value stored within the
DS1972 to determine if the ROM data has been
received error-free. The equivalent polynomial function
of this CRC is X8 + X5 + X4 + 1. This 8-bit CRC is
received in the true (noninverted) form. It is computed
at the factory and lasered into the ROM.
The other CRC is a 16-bit type, generated according to
the standardized CRC-16 polynomial function X16 + X15
+ X2 + 1. This CRC is used for fast verification of a data
transfer when writing to or reading from the scratchpad.
In contrast to the 8-bit CRC, the 16-bit CRC is always
communicated in the inverted form. A CRC generator
inside the DS1972 iButton (Figure 13) calculates a new
16-bit CRC, as shown in the command flowchart
(Figure 7). The bus master compares the CRC value
read from the device to the one it calculates from the
data and decides whether to continue with an operation
or to reread the portion of the data with the CRC error.
With the Write Scratchpad command, the CRC is gen-
erated by first clearing the CRC generator and then
shifting in the command code, the target addresses
TA1 and TA2, and all the data bytes as they were sent
VPUP
VTH
VHY
0V
tREH
tGL
tREH
tGL
CASE A
CASE C
CASE B
Figure 12. Noise Suppression Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com