Electronic Components Datasheet Search
  English  ▼

X  

LM80 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 17Page - National Semiconductor (TI) LM80 Datasheet HTML 18Page - National Semiconductor (TI) LM80 Datasheet HTML 19Page - National Semiconductor (TI) LM80 Datasheet HTML 20Page - National Semiconductor (TI) LM80 Datasheet HTML 21Page - National Semiconductor (TI) LM80 Datasheet HTML 22Page - National Semiconductor (TI) LM80 Datasheet HTML 23Page - National Semiconductor (TI) LM80 Datasheet HTML 24Page - National Semiconductor (TI) LM80 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Functional Description (Continued)
11.0 FAN MANUFACTURERS
Manufacturers of cooling fans with tachometer outputs are
listed below:
NMB Tech
9730 Independence Ave.
Chatsworth, California 91311
818 341-3355
818 341-8207
Model Num-
ber
Frame Size
Airflow
CFM
2408NL
2.36 in sq. X 0.79 in
9-16
(60 mm sq. X 20 mm)
2410ML
2.36 in sq. X 0.98 in
14-25
(60 mm sq. X 25 mm)
3108NL
3.15 in sq. X 0.79 in
25-42
(80 mm sq. X 20 mm)
3110KL
3.15 in sq. X 0.98 in
25-40
(80 mm sq. X 25 mm)
Mechatronics Inc.
P.O. Box 20
Mercer Island, WA 98040
800 453-45698
Various sizes available with tach output option.
Sanyo Denki America, Inc.
468 Amapola Ave.
Torrance, CA 90501
310 783-5400
Model Number
Frame Size
Airflow
CFM
109P06XXY601
2.36 in sq. X 0.79 in
11-15
(60 mm sq. X 20 mm)
109R06XXY401
2.36 in sq. X 0.98 in
13-28
(60 mm sq. X 25 mm)
109P08XXY601
3.15 in sq. X 0.79 in
23-30
(80 mm sq. X 20 mm)
109R08XXY401
3.15 in sq. X 0.98 in
21-42
(80 mm sq. X 25 mm)
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com