Electronic Components Datasheet Search
  English  ▼

X  

LM81 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM81 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM81 Datasheet HTML 23Page - National Semiconductor (TI) LM81 Datasheet HTML 24Page - National Semiconductor (TI) LM81 Datasheet HTML 25Page - National Semiconductor (TI) LM81 Datasheet HTML 26Page - National Semiconductor (TI) LM81 Datasheet HTML 27Page - National Semiconductor (TI) LM81 Datasheet HTML 28Page - National Semiconductor (TI) LM81 Datasheet HTML 29Page - National Semiconductor (TI) LM81 Datasheet HTML 30Page - National Semiconductor (TI) LM81 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Functional Description (Continued)
13.4 Interrupt Status Register 1 — Address 41h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
+2.5Vin
Read Only
A one indicates a High or Low limit has been exceeded.
1
Vccp1
Read Only
A one indicates a High or Low limit has been exceeded.
2
+3.3Vin
Read Only
A one indicates a High or Low limit has been exceeded.
3
+5Vin
Read Only
A one indicates a High or Low limit has been exceeded.
4
Temperature
Read Only
A one indicates a HIGH or HIHYST temperature error, see
SECTION 8.2.
5
Reserved
Read Only
6
FAN1
Read Only
A one indicates the fan count limit has been exceeded.
7
FAN2
Read Only
A one indicates the fan count limit has been exceeded.
13.5 Interrupt Status Register 2 — Address 42h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/Write
Description
0
+12Vin
Read Only
A one indicates a High or Low limit has been exceeded.
1
Vccp2
Read Only
A one indicates a High or Low limit has been exceeded.
2
Reserved
Read Only
3
Reserved
Read Only
4
CI
Read Only
A one indicates CI (Chassis Intrusion) has gone high.
5
Reserved
Read Only
6
Reserved
Read Only
7
TLOW
Read Only
A one indicates LOW temperature error in EXTENDED MODE ONLY, see
SECTION 8.2.
13.6 Interrupt Mask Register 1 — Address 43h
Power on default – <7:0> = 0000 0000 binary
Bit
Name
Read/
Write
Description
0
+2.5Vin
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
1
Vccp1
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
2
+3.3Vin
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
3
+5Vin
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
4
Temperature
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
5
Reserved
Read/Write
6
FAN1
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
7
FAN2
Read/Write
A one disables the corresponding interrupt status bit for INT interrupt.
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com