Electronic Components Datasheet Search
  English  ▼

X  

AD8531 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8531
Description  Low Cost, 250 mA Output, Single-Supply Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8531 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8531 Datasheet HTML 3Page - Analog Devices AD8531 Datasheet HTML 4Page - Analog Devices AD8531 Datasheet HTML 5Page - Analog Devices AD8531 Datasheet HTML 6Page - Analog Devices AD8531 Datasheet HTML 7Page - Analog Devices AD8531 Datasheet HTML 8Page - Analog Devices AD8531 Datasheet HTML 9Page - Analog Devices AD8531 Datasheet HTML 10Page - Analog Devices AD8531 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8531/AD8532/AD8534
Rev. F | Page 7 of 20
SOURCE
SINK
LOAD CURRENT (mA)
1000
100
10
1
0.01
0.1
0.001
0.01
0.1
1
10
100
VS = 2.7V
TA = 25°C
Figure 12. Output Voltage to Supply Rail vs. Load Current
LOAD CURRENT (mA)
1000
100
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
VS = 5V
TA = 25°C
SINK
SOURCE
Figure 13. Output Voltage to Supply Rail vs. Load Current
FREQUENCY (Hz)
80
60
40
20
0
45
90
135
180
1k
10k
100k
1M
10M
100M
VS = 2.7V
RL = NO LOAD
TA = 25°C
Figure 14. Open-Loop Gain and Phase Shift vs. Frequency
FREQUENCY (Hz)
80
60
40
20
0
45
90
135
180
1k
10k
100k
1M
10M
100M
VS = 5V
RL = NO LOAD
TA = 25°C
Figure 15. Open-Loop Gain and Phase Shift vs. Frequency
FREQUENCY (Hz)
5
4
3
1
2
0
1k
10k
100k
1M
10M
VS = 2.7V
TA = 25°C
RL = 2kΩ
VIN = 2.5V p-p
Figure 16. Closed-Loop Output Swing vs. Frequency
FREQUENCY (Hz)
5
4
3
1
2
0
1k
10k
100k
1M
10M
VS = 5V
TA = 25°C
RL = 2kΩ
VIN = 4.9V p-p
Figure 17. Closed-Loop Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com