Electronic Components Datasheet Search
  English  ▼

X  

AD8531 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8531
Description  Low Cost, 250 mA Output, Single-Supply Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8531 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8531 Datasheet HTML 11Page - Analog Devices AD8531 Datasheet HTML 12Page - Analog Devices AD8531 Datasheet HTML 13Page - Analog Devices AD8531 Datasheet HTML 14Page - Analog Devices AD8531 Datasheet HTML 15Page - Analog Devices AD8531 Datasheet HTML 16Page - Analog Devices AD8531 Datasheet HTML 17Page - Analog Devices AD8531 Datasheet HTML 18Page - Analog Devices AD8531 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8531/AD8532/AD8534
Rev. F | Page 15 of 20
SINGLE-SUPPLY HEADPHONE AMPLIFIER
Because of its speed and large output drive, the AD8531/
AD8532/AD8534 make an excellent headphone driver, as
illustrated in Figure 44. Its low supply operation and rail-to-rail
inputs and outputs give a maximum signal swing on a single
5 V supply. To ensure maximum signal swing available to drive
the headphone, the amplifier inputs are biased to V+/2, which
in this case is 2.5 V. The 100 kΩ resistor to the positive supply
is equally split into two 50 kΩ resistors, with their common
point bypassed by 10 μF to prevent power supply noise from
contaminating the audio signal.
The audio signal is then ac-coupled to each input through a
10 μF capacitor. A large value is needed to ensure that the 20 Hz
audio information is not blocked. If the input already has the
proper dc bias, the ac coupling and biasing resistors are not
required. A 270 μF capacitor is used at the output to couple the
amplifier to the headphone. This value is much larger than that
used for the input because of the low impedance of the head-
phones, which can range from 32 Ω to 600 Ω. An additional 16 Ω
resistor is used in series with the output capacitor to protect the
output stage of the op amp by limiting the capacitor discharge
current. When driving a 48 Ω load, the circuit exhibits less
than 0.3% THD+N at output drive levels of 4 V p-p.
1/2
AD8532
16Ω
50kΩ
270µF
LEFT
HEADPHONE
10µF
50kΩ
50kΩ
100kΩ
10µF
LEFT
INPUT
1/2
AD8532
16Ω
50kΩ
270µF
RIGHT
HEADPHONE
10µF
50kΩ
50kΩ
100kΩ
10µF
RIGHT
INPUT
V
V5V
1µF/0.1µF
V 5V
Figure 44. Single-Supply, Stereo Headphone Driver
SINGLE-SUPPLY, 2-WAY LOUDSPEAKER
CROSSOVER NETWORK
Active filters are useful in loudspeaker crossover networks
because of small size, relative freedom from parasitic effects, the
ease of controlling low/high channel drive, and the controlled
driver damping provided by a dedicated amplifier. Both Sallen-
Key (SK) and multiple-feedback (MFB) filter architectures are
useful in implementing active crossover networks. The circuit
shown in Figure 45 is a single-supply, 2-way active crossover
that combines the advantages of both filter topologies.
This active crossover exhibits less than 0.4% THD+N at output
levels of 1.4 V rms using general-purpose, unity-gain HP/LP stages.
In this 2-way example, the LO signal is a dc-to-500 Hz LP woofer
output, and the HI signal is the HP (>500 Hz) tweeter output.
U1B forms an LP section at 500 Hz, while U1A provides an HP
section, covering frequencies ≥500 Hz.
VIN
3
2
1
U1A
AD8532
VS
4
R1
31.6kΩ
C1
0.01µF
C2
0.01µF
R2
31.6kΩ
R5
31.6kΩ
R6
31.6kΩ
R4
49.9Ω
HI
LO
500Hz
AND UP
DC –
500Hz
6
5
7
C3
0.01µF
U1B
AD8532
C4
0.02µF
R7
15.8kΩ
R3
49.9Ω 270µF
270µF
100kΩ
VS
10µF
100kΩ
100kΩ
CIN
10µF
RIN
100kΩ
0.1µF
100µF/25V
VS
TO U1
5V
COM
+
100kΩ
+
Figure 45. A Single-Supply, 2-Way Active Crossover
The crossover example frequency of 500 Hz can be shifted
lower or higher by frequency scaling of either resistors or
capacitors. In configuring the circuit for other frequencies,
complementary LP/HP action must be maintained between
sections, and component values within the sections must be in
the same ratio. Table 6 provides a design aid to adaptation, with
suggested standard component values for other frequencies.
For additional information on the active filters and active crossover
networks, refer to the data sheet for the OP279, a dual rail-to-
rail, high output current, operational amplifier.
Table 6. RC Component Selection for Various Crossover
Frequencies1
Crossover Frequency (Hz)
R1/C1 (U1A)2, R5/C3 (U1B)3
100
160 kΩ/0.01 μF
200
80.6 kΩ/0.01 μF
319
49.9 kΩ/0.01 μF
500
31.6 kΩ/0.01 μF
1 k
16 kΩ/0.01 μF
2 k
8.06 kΩ/0.01 μF
5 k
3.16 kΩ/0.01 μF
10 k
1.6 kΩ/0.01 μF
1 Applicable for Filter A = 2.
2 For Sallen-Key stage U1A: R1 = R2, and C1 = C2, and so on.
3 For multiple feedback stage U1B: R6 = R5, R7 = R5/2, and C4 = 2C3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com