Electronic Components Datasheet Search
  English  ▼

X  

AD8529 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8529
Description  8 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8529 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8529 Datasheet HTML 2Page - Analog Devices AD8529 Datasheet HTML 3Page - Analog Devices AD8529 Datasheet HTML 4Page - Analog Devices AD8529 Datasheet HTML 5Page - Analog Devices AD8529 Datasheet HTML 6Page - Analog Devices AD8529 Datasheet HTML 7Page - Analog Devices AD8529 Datasheet HTML 8Page - Analog Devices AD8529 Datasheet HTML 9Page - Analog Devices AD8529 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8519/AD8529
Rev. D | Page 6 of 16
VS = 5.0 V, V− = −5 V, VCM = 0 V, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
AD8519AKS, AD8519ART
600
1100
μV
−40°C ≤ TA ≤ +125°C
800
1300
μV
AD8519AR (R-8), AD8529
600
1000
μV
−40°C ≤ TA ≤ +125°C
1100
μV
Input Bias Current
IB
VCM = 0 V
300
nA
VCM = 0 V, −40°C ≤ TA ≤ +125°C
400
nA
Input Offset Current
IOS
VCM = 0 V
±50
nA
VCM = 0 V, −40°C ≤ TA ≤ +125°C
±100
nA
Input Voltage Range
VCM
−5
+4
V
Common-Mode Rejection Ratio
CMRR
−4.9 V ≤ VCM ≤ +4.0 V,
−40°C ≤ TA ≤ +125°C
70
100
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ
30
V/mV
RL = 10 kΩ
50
200
V/mV
−40°C ≤ TA ≤ +125°C
25
V/mV
Offset Voltage Drift
∆VOS/∆T
2
μV/°C
Bias Current Drift
∆IB/∆T
500
pA/°C
OUTPUT CHARACTERISTICS
Output Voltage Swing High
VOH
IL = 250 μA
−40°C ≤ TA ≤ +125°C
4.90
V
IL = 5 mA
4.80
V
Output Voltage Swing Low
VOL
IL = 250 μA
−40°C ≤ TA ≤ +125°C
−4.90
V
IL = 5 mA
−4.80
V
Short-Circuit Current
ISC
Short to ground, instantaneous
±70
mA
Maximum Output Current
IOUT
±25
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±1.5 V to ±6 V, −40°C ≤ TA ≤ +125°C
60
100
dB
Supply Current/Amplifier
ISY
VOUT = 0 V
600
1200
μA
−40°C ≤ TA ≤ +125°C
1400
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
−4 V < VOUT < +4 V, RL = 10 kΩ
2.9
V/μs
Settling Time
tS
To 0.01%
1000
ns
Gain Bandwidth Product
GBP
8
MHz
Phase Margin
Φm
60
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1 kHz
10
nV/√Hz
Current Noise Density
in
f = 1 kHz
0.4
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com