Electronic Components Datasheet Search
  English  ▼

X  

AD8529 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8529
Description  8 MHz Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8529 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8529 Datasheet HTML 4Page - Analog Devices AD8529 Datasheet HTML 5Page - Analog Devices AD8529 Datasheet HTML 6Page - Analog Devices AD8529 Datasheet HTML 7Page - Analog Devices AD8529 Datasheet HTML 8Page - Analog Devices AD8529 Datasheet HTML 9Page - Analog Devices AD8529 Datasheet HTML 10Page - Analog Devices AD8529 Datasheet HTML 11Page - Analog Devices AD8529 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8519/AD8529
Rev. D | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (mV)
60
50
0
30
20
10
40
–1.0
–0.6
–0.2
0.2
0.6
1.0
COUNT = 395 OP AMPS
VS = 5V
TA = 25°C
Figure 4. Input Offset Voltage Distribution
SUPPLY VOLTAGE (V)
600
550
450
500
02
46
8
10
12
Figure 5. Supply Current per Amplifier vs. Supply Voltage
800
700
300
600
500
400
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
VS = 5V
VS = 10V
VS = 2.7V, 3.0V
Figure 6. Supply Current per Amplifier vs. Temperature
COMMON-MODE VOLTAGE (V)
40
0
–240
–80
–120
–160
–200
–40
VS = 5V
TA = 25°C
01
23
4
5
Figure 7. Input Bias Current vs. Common-Mode Voltage
COMMON-MODE VOLTAGE (V)
120
100
20
80
60
40
01
234
VS = 5V
5
Figure 8. Common-Mode Rejection vs. Common-Mode Voltage
45
90
135
180
FREQUENCY (Hz)
–30
10
–20
–10
0
20
30
40
50
225
270
PHASE
GAIN
VS = 5V
TA = 25°C
100k
1M
10M
100M
Figure 9. Open-Loop Gain, Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com