Electronic Components Datasheet Search
  English  ▼

X  

AD8330 Datasheet(PDF) 29 Page - Analog Devices

Part # AD8330
Description  Low Cost, DC to 150 MHz Variable Gain Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8330 Datasheet HTML 25Page - Analog Devices AD8330 Datasheet HTML 26Page - Analog Devices AD8330 Datasheet HTML 27Page - Analog Devices AD8330 Datasheet HTML 28Page - Analog Devices AD8330 Datasheet HTML 29Page - Analog Devices AD8330 Datasheet HTML 30Page - Analog Devices AD8330 Datasheet HTML 31Page - Analog Devices AD8330 Datasheet HTML 32Page - Analog Devices AD8330 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
AD8330
Rev. D | Page 29 of 36
OPTIONS
Table 6 lists the jumpers on the board and their functions.
Table 6. Functions of Jumpers
Name
Function
FLTR
Connects a high-pass filter to the offset control loop
pin. This jumper is normally not installed.
OFST
Disables the offset correction loop. This jumper is
installed for dc or low frequency operation.
UP
Mode up. Install for ascending gain with increasing
VDBS gain control voltage.
DOWN
Mode down. Install for descending gain with
increasing VDBS gain control voltage.
MEASUREMENT SETUP
The basic board connections for a typical measurement are
shown in Figure 71. To minimize circuit-loading effects, a low
capacitance FET probe is recommended for observing input or
output waveforms. Two-pin headers, IN_TEST and OUT_TEST,
are provided for this purpose. The SMA connectors OUT_HI
and OUT_LO can also be used, but the user may need to
account for load capacitance effects.
AD8330-EVALZ BOARD DESIGN
The AD8330-EVALZ is a 4-layer design for maximum ground-
plane area. The evaluation board side silkscreen and wiring
patterns are shown in Figure 72 through Figure 77.
POWER SUPPLY
DIFFERENTIAL
PROBE
+5V
GND
PROBE
POWER SUPPLY
NETWORK ANALYZER
SIGNAL
INPUT
PRECISION VOLTAGE REFERENCES
(FOR VDBS, VMAG)
Figure 71. Typical Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com