Electronic Components Datasheet Search
  English  ▼

X  

AD8330 Datasheet(PDF) 31 Page - Analog Devices

Part # AD8330
Description  Low Cost, DC to 150 MHz Variable Gain Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD8330 Datasheet HTML 27Page - Analog Devices AD8330 Datasheet HTML 28Page - Analog Devices AD8330 Datasheet HTML 29Page - Analog Devices AD8330 Datasheet HTML 30Page - Analog Devices AD8330 Datasheet HTML 31Page - Analog Devices AD8330 Datasheet HTML 32Page - Analog Devices AD8330 Datasheet HTML 33Page - Analog Devices AD8330 Datasheet HTML 34Page - Analog Devices AD8330 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AD8330
Rev. D | Page 31 of 36
Table 7. Bill of Materials
Qty
Reference Designator
Description
Manufacturer
Part Number
1
R2
Resistor, 49.9 Ω, 1%, 1/16 W, 0603
Panasonic
ERJ-3EKF49R9V
1
R1
Resistor, 24.9 Ω, 1%, 1/10 W, 0603
Panasonic
ERJ-3EKF24R9V
1
R4
Resistor, 0 Ω, 5%, 1/10 W, 0603
Panasonic
ERJ-2GE0R00X
1
R3
Resistor, 1 kΩ, 1%, 1/8 W, 0603
Panasonic
ERJ-3EKF1001V
13
C2, C3, C4, C5, C6, C7, C10, C11, C12,
C15, C18, C19, C20
Capacitor, 0.1 μF, 50 V, 0603, X7R
Kemet
C0603C104K4RACTU
2
C1, C17
Capacitor, tantalum, 10 μF, 10 V, 3206
Nichicon
F931A106MAA
2
C14, C16
Capacitor, 10 nF, 50 V, 0603
Yageo
CC0603KRX7R9BB103
2
C8, C9
Capacitor, 12 pF, 5%, NPO, 0603
AVX
06035A120JAT2A
1
C13
Capacitor, 1 nF, 100 V, 10%, 0603
Panasonic
ECJ-1VB2A102K
3
IN_TEST, OUT_TEST, CMGN
Header, 2-pin
Molex
22-10-2021
3
CMGN, UP, OFST
Shunt
Berg
65474-001
1
DUT1
Integrated circuit, variable gain amplifier
Analog Devices
AD8330ARQZ
1
A1
Integrated circuit, differential amplifier
Analog Devices
AD8131ARZ-REEL7
3
IN, OUT_HI, OUT_LO
Connector, SMA female right angle
Amphenol
901-143-6RFX
1
+5 V
Test loop, red
Bisco
TP-104-01-02
1
–5 V
Test loop, green
Bisco
TP-104-01-05
4
ENBL, CNTR, VDBS, VMAG
Test loop, purple
Bisco
TP-104-01-07
2
FILTER_OFFSET, GAIN SLOPE
Header, 3-pin
Molex
22-10-2031
4
GND1, GND2, GND3, GND4
Test point, black
Bisco
TP-104-01-00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com