Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 1 Page - Analog Devices

  AD8318 Datasheet HTML 1Page - Analog Devices AD8318 Datasheet HTML 2Page - Analog Devices AD8318 Datasheet HTML 3Page - Analog Devices AD8318 Datasheet HTML 4Page - Analog Devices AD8318 Datasheet HTML 5Page - Analog Devices AD8318 Datasheet HTML 6Page - Analog Devices AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 MHz to 8 GHz, 70 dB
Logarithmic Detector/Controller
AD8318
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004-2007 Analog Devices, Inc. All rights reserved.
FEATURES
Wide bandwidth: 1 MHz to 8 GHz
High accuracy: ±1.0 dB over 55 dB range (f < 5.8 GHz)
Stability over temperature: ±0.5 dB
Low noise measurement/controller output (VOUT)
Pulse response time: 10 ns/12 ns (fall/rise)
Integrated temperature sensor
Small footprint LFCSP
Power-down feature: <1.5 mW at 5 V
Single-supply operation: 5 V @ 68 mA
Fabricated using high speed SiGe process
APPLICATIONS
RF transmitter PA setpoint control and level monitoring
RSSI measurement in base stations, WLAN, WiMAX, and
radars
GENERAL DESCRIPTION
The AD8318 is a demodulating logarithmic amplifier, capable
of accurately converting an RF input signal to a corresponding
decibel-scaled output voltage. It employs the progressive
compression technique over a cascaded amplifier chain, each
stage of which is equipped with a detector cell. The device is
used in measurement or controller mode. The AD8318
maintains accurate log conformance for signals of 1 MHz to
6 GHz and provides useful operation to 8 GHz. The input range
is typically 60 dB (re: 50 Ω) with error less than ±1 dB. The
AD8318 has a 10 ns response time that enables RF burst
detection to beyond 45 MHz. The device provides unprece-
dented logarithmic intercept stability vs. ambient temperature
conditions. A 2 mV/°C slope temperature sensor output is also
provided for additional system monitoring. A single supply of
5 V is required. Current consumption is typically 68 mA. Power
consumption decreases to <1.5 mW when the device is disabled.
The AD8318 can be configured to provide a control voltage
to a VGA, such as a power amplifier or a measurement output,
from Pin VOUT. Because the output can be used for controller
applications, wideband noise is minimal.
FUNCTIONAL BLOCK DIAGRAM
TEMP
SENSOR
GAIN
BIAS
SLOPE
DET
DET
DET
DET
INHI
INLO
IV
VOUT
IV
VSET
CLPF
TEMP
VPSI
ENBL
TADJ
VPSO
CMOP
CMIP
Figure 1.
2.4
0
–65
10
PIN (dBm)
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
6
–6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
Figure 2. Typical Logarithmic Response and Error vs. Input Amplitude at 5.8 GHz
In this mode, the setpoint control voltage is applied to VSET.
The feedback loop through an RF amplifier is closed via VOUT,
the output of which regulates the amplifier output to a magnitude
corresponding to VSET. The AD8318 provides 0 V to 4.9 V
output capability at the VOUT pin, suitable for controller
applications. As a measurement device, Pin VOUT is externally
connected to VSET to produce an output voltage, VOUT, which
is a decreasing linear-in-dB function of the RF input signal
amplitude.
The logarithmic slope is nominally −25 mV/dB but can be
adjusted by scaling the feedback voltage from VOUT to the
VSET interface. The intercept is 20 dBm (re: 50 Ω, CW input)
using the INHI input. These parameters are very stable against
supply and temperature variations.
The AD8318 is fabricated on a SiGe bipolar IC process and is
available in a 4 mm × 4 mm, 16-lead LFCSP for the operating
temperature range of –40oC to +85oC.


Similar Part No. - AD8318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8318 AD-AD8318 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
AD8318 AD-AD8318 Datasheet
218Kb / 3P
Stable, Closed-Loop Automatic Power Control for RF Applications
REV. B
AD8318 AD-AD8318 Datasheet
247Kb / 5P
Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
REV. C
AD8318 AD-AD8318 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
More results

Similar Description - AD8318

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8313 AD-AD8313_04 Datasheet
720Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
6/04-Data Sheet Changed from Rev. C to Rev. D
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com