Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 3 Page - Analog Devices

  AD8318 Datasheet HTML 1Page - Analog Devices AD8318 Datasheet HTML 2Page - Analog Devices AD8318 Datasheet HTML 3Page - Analog Devices AD8318 Datasheet HTML 4Page - Analog Devices AD8318 Datasheet HTML 5Page - Analog Devices AD8318 Datasheet HTML 6Page - Analog Devices AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8318
Rev. B | Page 3 of 24
SPECIFICATIONS
VPOS = 5 V, CLPF = 220 pF, TA = 25°C, 52.3 Ω termination resistor at INHI, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
SIGNAL INPUT INTERFACE
INHI (Pin 14) and INLO (Pin 15)
Specified Frequency Range
0.001
8
GHz
DC Common-Mode Voltage
VPOS – 1.8
V
MEASUREMENT MODE
VOUT (Pin 6) shorted to VSET (Pin 7), sinusoidal
input signal
f = 900 MHz
RTADJ = 500 Ω
Input Impedance
957||0.71
Ω||pF
±3 dB Dynamic Range
TA = 25°C
65
dB
±1 dB Dynamic Range
TA = 25°C
57
dB
−40°C < TA < +85°C
48
dB
Maximum Input Level
±1 dB error
−1
dBm
Minimum Input Level
±1 dB error
−58
dBm
Slope
−26
−24.5
−23
mV/dB
Intercept
19.5
22
24
dBm
Output Voltage—High Power In
PIN = −10 dBm
0.7
0.78
0.86
V
Output Voltage—Low Power In
PIN = −40 dBm
1.42
1.52
1.62
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤85°C
0.0011
dB/°C
−40°C ≤ TA ≤ +25°C
0.003
dB/°C
f = 1.9 GHz
RTADJ = 500 Ω
Input Impedance
523||0.68
Ω||pF
±3 dB Dynamic Range
TA = 25°C
65
dB
±1 dB Dynamic Range
TA = 25°C
57
dB
−40°C < TA < +85°C
50
dB
Maximum Input Level
±1 dB error
−2
dBm
Minimum Input Level
±1 dB error
−59
dBm
Slope
−27
−24.4
−22
mV/dB
Intercept
17
20.4
24
dBm
Output Voltage—High Power In
PIN = −10 dBm
0.63
0.73
0.83
V
Output Voltage—Low Power In
PIN = −35 dBm
1.2
1.35
1.5
V
Temperature Sensitivity
PIN = –10 dBm
25°C ≤ TA ≤ 85°C
0.0011
dB/°C
−40°C ≤ TA ≤ +5°C
0.0072
dB/°C
f = 2.2 GHz
RTADJ = 500 Ω
Input Impedance
391||0.66
Ω||pF
±3 dB Dynamic Range
TA = 25°C
65
dB
±1 dB Dynamic Range
TA = 25°C
58
dB
−40°C < TA < +85°C
50
dB
Maximum Input Level
±1 dB error
−2
dBm
Minimum Input Level
±1 dB error
−60
dBm
Slope
−28
−24.4
−21.5
mV/dB
Intercept
15
19.6
25
dBm
Output Voltage—High Power In
PIN = −10 dBm
0.63
0.73
0.84
V
Output Voltage—Low Power In
PIN = −35 dBm
1.2
1.34
1.5
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤ 85°C
−0.0005
dB/°C
−40°C ≤ TA ≤ +25°C
0.0062
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com