Electronic Components Datasheet Search
  English  ▼

X  

AD8510AR Datasheet(PDF) 14 Page - Analog Devices

Part # AD8510AR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8510AR Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8510AR Datasheet HTML 10Page - Analog Devices AD8510AR Datasheet HTML 11Page - Analog Devices AD8510AR Datasheet HTML 12Page - Analog Devices AD8510AR Datasheet HTML 13Page - Analog Devices AD8510AR Datasheet HTML 14Page - Analog Devices AD8510AR Datasheet HTML 15Page - Analog Devices AD8510AR Datasheet HTML 16Page - Analog Devices AD8510AR Datasheet HTML 17Page - Analog Devices AD8510AR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8510/AD8512/AD8513
Rev. H | Page 14 of 20
SETTLING TIME
Settling time is the time it takes the output of the amplifier to
reach and remain within a percentage of its final value after a
pulse is applied at the input. The AD8510/AD8512/AD8513
settle to within 0.01% in less than 900 ns with a step of 0 V to
10 V in unity gain. This makes each of these parts an excellent
choice as a buffer at the output of DACs whose settling time is
typically less than 1 μs.
In addition to the fast settling time and fast slew rate, low offset
voltage drift and input offset current maintain the full accuracy
of 12-bit converters over the entire operating temperature range.
OVERLOAD RECOVERY TIME
Overload recovery, also known as overdrive recovery, is the
time it takes the output of an amplifier to recover to its linear
region from a saturated condition. This recovery time is par-
ticularly important in applications where the amplifier must
amplify small signals in the presence of large transient voltages.
Figure 43 shows the positive overload recovery of the AD8510/
AD8512/AD8513. The output recovers in approximately 200 ns
from a saturated condition.
0V
–15V
200mV
0V
TIME (2µs/DIV)
VSY = ±15V
VIN = 200mV
AV = –100
RL = 10kΩ
Figure 43. Positive Overload Recovery
The negative overdrive recovery time shown in Figure 44 is less
than 200 ns.
In addition to the fast recovery time, the AD8510/AD8512/
AD8513 show excellent symmetry of the positive and negative
recovery times. This is an important feature for transient signal
rectification because the output signal is kept equally undistorted
throughout any given period.
TIME (2µs/DIV)
–200mV
0V
0V
+15V
VSY = ±15V
AV = –100
RL = 10kΩ
Figure 44. Negative Overload Recovery
CAPACITIVE LOAD DRIVE
The AD8510/AD8512/AD8513 are unconditionally stable at all
gains in inverting and noninverting configurations. Each device
is capable of driving a capacitive load of up to 1000 pF without
oscillation in unity gain using the worst-case configuration.
However, as with most amplifiers, driving larger capacitive
loads in a unity gain configuration may cause excessive
overshoot and ringing, or even oscillation. A simple snubber
network significantly reduces the amount of overshoot and
ringing. The advantage of this configuration is that the output
swing of the amplifier is not reduced, because RS is outside the
feedback loop.
7
4
6
AD8510
200mV
RS
CS
CL
VOUT
V+
V–
2
3
Figure 45. Snubber Network Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com