Electronic Components Datasheet Search
  English  ▼

X  

AD8510AR Datasheet(PDF) 18 Page - Analog Devices

Part # AD8510AR
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8510AR Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8510AR Datasheet HTML 12Page - Analog Devices AD8510AR Datasheet HTML 13Page - Analog Devices AD8510AR Datasheet HTML 14Page - Analog Devices AD8510AR Datasheet HTML 15Page - Analog Devices AD8510AR Datasheet HTML 16Page - Analog Devices AD8510AR Datasheet HTML 17Page - Analog Devices AD8510AR Datasheet HTML 18Page - Analog Devices AD8510AR Datasheet HTML 19Page - Analog Devices AD8510AR Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8510/AD8512/AD8513
Rev. H | Page 18 of 20
TIME (2ms/DIV)
The AD8510 single has two additional active terminals that are
not present on the AD8512 dual or AD8513 quad parts. These
pins are labeled “null” and are used for fine adjustment of the
input offset voltage. Although the guaranteed maximum offset
voltage at room temperature is 400 μV and over the −40°C to
+125°C range is 800 mV maximum, this offset voltage can be
reduced by adding a potentiometer to the null pins as shown in
Figure 58. With the 20 kΩ potentiometer shown, the adjustment
range is approximately ±3.5 mV. The potentiometer parallels
low value resistors in the drain circuit of the JFET differential
input pair and allows unbalancing of the drain currents to
change the offset voltage. If offset adjustment is not required,
these pins should be left unconnected.
Caution should be used when adding adjusting potentiometers to
any op amp with this capability for several reasons. First, there is
gain from these nodes to the output; therefore, capacitive coupling
from noisy traces to these nodes will inject noise into the signal
path. Second, the temperature coefficient of the potentiometer
will not match the temperature coefficient of the internal resistors,
so the offset voltage drift with temperature will be slightly affected.
Third, this provision is for adjusting the offset voltage of the
op amp, not for adjusting the offset of the overall system. Although
it is tempting to decrease the value of the potentiometer to attain
more range, this will adversely affect the dc and ac parameters.
Instead, increase the potentiometer to 50 kΩ to decrease the
range if needed.
Figure 55. Pulse-Width Modulation
Crosstalk
Crosstalk, also known as channel separation, is a measure of
signal feedthrough from one channel to another on the same
IC. The AD8512/AD8513 have a channel separation of better
than −90 dB for frequencies up to 10 kHz and of better than
−50 dB for frequencies up to 10 MHz. Figure 57 shows the
typical channel separation behavior between Amplifier A
(driving amplifier) and each of the following: Amplifier B,
Amplifier C, and Amplifier D.
VOUT
1
2
7
6
5
4
3
8
+VS
20kΩ
2.2kΩ
5kΩ
5kΩ
–VS
VIN
18V p-p
CROSSTALK = 20 log
VOUT
10VIN
1
5
4
7
3
6
2
AD8510
INPUT
OUTPUT
V+
VOS TRIM RANGE IS
TYPICALLY ±3.5mV
20kΩ
V–
–
+
Figure 56. Crosstalk Test Circuit
FREQUENCY (Hz)
100
–160
10k
–140
–120
–80
1k
–60
–20
–40
100k
1M
10M
–100
0
CH D
CH C
CH B
Figure 58. Optional Offset Nulling Circuit
Figure 57. Channel Separation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com