Electronic Components Datasheet Search
  English  ▼

X  

AD8210 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8210
Description  High Voltage, Bidirectional Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8210 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8210 Datasheet HTML 7Page - Analog Devices AD8210 Datasheet HTML 8Page - Analog Devices AD8210 Datasheet HTML 9Page - Analog Devices AD8210 Datasheet HTML 10Page - Analog Devices AD8210 Datasheet HTML 11Page - Analog Devices AD8210 Datasheet HTML 12Page - Analog Devices AD8210 Datasheet HTML 13Page - Analog Devices AD8210 Datasheet HTML 14Page - Analog Devices AD8210 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8210
Rev. A | Page 11 of 16
MODES OF OPERATION
The AD8210 can be adjusted for unidirectional or bidirectional
operation.
UNIDIRECTIONAL OPERATION
Unidirectional operation allows the AD8210 to measure
currents through a resistive shunt in one direction. The basic
modes for unidirectional operation are ground referenced
output mode and V+ referenced output mode.
In unidirectional operation, the output can be set at the negative
rail (near ground) or at the positive rail (near V+) when the
differential input is 0 V. The output moves to the opposite rail
when a correct polarity differential input voltage is applied. In
this case, full scale is approximately 250 mV. The required
polarity of the differential input depends on the output voltage
setting. If the output is set at ground, the polarity needs to be
positive to move the output up (see Table 5). If the output is set
at the positive rail, the input polarity needs to be negative to
move the output down (see Table 6).
Ground Referenced Output
When using the AD8210 in this mode, both reference inputs
are tied to ground, which causes the output to sit at the negative
rail when the differential input voltage is zero (see Figure 27
and Table 4).
AD8210
OUTPUT
G= +20
RS
+IN
–IN
VS
VREF1
VREF2
GND
0.1µF
Figure 27. Ground Referenced Output
Table 4. V+ = 5 V
VIN (Referred to −IN)
VO
0 V
0.05 V
250 mV
4.9 V
V+ Referenced Output
This mode is set when both reference pins are tied to the
positive supply. It is typically used when the diagnostic scheme
requires detection of the amplifier and wiring before power is
applied to the load (see Figure 28 and Table 5).
AD8210
OUTPUT
G= +20
RS
+IN
–IN
VS
VREF1
VREF2
GND
0.1µF
Figure 28. V+ Referenced Output
Table 5. V+ = 5 V
VIN (Referred to −IN)
VO
0 V
4.9 V
−250 mV
0.05 V
BIDIRECTIONAL OPERATION
Bidirectional operation allows the AD8210 to measure currents
through a resistive shunt in two directions. The output offset
can be set anywhere within the output range. Typically, it is set
at half scale for equal measurement range in both directions. In
some cases, however, it is set at a voltage other than half scale
when the bidirectional current is nonsymmetrical.
Table 6. V+ = 5 V, VO = 2.5 V with VIN = 0 V
VIN (Referred to –IN)
VO
+125 mV
4.9 V
−125 mV
0.05 V
Adjusting the output can also be accomplished by applying
voltage(s) to the reference inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com