Electronic Components Datasheet Search
  English  ▼

X  

AD8210 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8210
Description  High Voltage, Bidirectional Current Shunt Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8210 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8210 Datasheet HTML 8Page - Analog Devices AD8210 Datasheet HTML 9Page - Analog Devices AD8210 Datasheet HTML 10Page - Analog Devices AD8210 Datasheet HTML 11Page - Analog Devices AD8210 Datasheet HTML 12Page - Analog Devices AD8210 Datasheet HTML 13Page - Analog Devices AD8210 Datasheet HTML 14Page - Analog Devices AD8210 Datasheet HTML 15Page - Analog Devices AD8210 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD8210
Rev. A | Page 12 of 16
External Referenced Output
Tying both VREF pins together to an external reference produces
an output offset at the reference voltage when there is no
differential input (see Figure 29). When the input is negative
relative to the −IN pin, the output moves down from the
reference voltage. When the input is positive relative to the
−IN pin, the output increases.
AD8210
OUTPUT
G= +20
RS
+IN
–IN
VS
VREF1
VREF2
GND
VREF
0.1µF
0V ≤ VREF ≤ VS
Figure 29. External Reference Output
Splitting an External Reference
In this case, an external reference is divided by two with
an accuracy of approximately 0.2% by connecting one
VREF pin to ground and the other VREF pin to the reference
voltage (see Figure 30).
Note that Pin VREF1 and Pin VREF2 are tied to internal precision
resistors that connect to an internal offset node. There is no
operational difference between the pins.
For proper operation, the AD8210 output offset should not be
set with a resistor voltage divider. Any additional external
resistance could create a gain error. A low impedance voltage
source should be used to set the output offset of the AD8210.
AD8210
OUTPUT
G= +20
RS
+IN
–IN
VS
VREF1
VREF2
GND
0.1µF
VREF
0V ≤ VREF ≤ VS
Figure 30. Split External Reference
Splitting the Supply
By tying one reference pin to V+ and the other to the GND pin,
the output is set at midsupply when there is no differential input
(see Figure 31). This mode is beneficial because no external
reference is required to offset the output for bidirectional
current measurement. This creates a midscale offset that is
ratiometric to the supply, meaning that if the supply increases
or decreases, the output still remains at half scale. For example,
if the supply is 5.0 V, the output is at half scale or 2.5 V. If the
supply increases by 10% (to 5.5 V), the output also increases by
10% (2.75 V).
0.1µF
AD8210
OUTPUT
G= +20
RS
+IN
–IN
VS
VREF1
VREF2
GND
Figure 31. Split Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com