Electronic Components Datasheet Search
  English  ▼

X  

LM4132 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4132
Description  SOT-23 Precision Low Dropout Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4132 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4132 Datasheet HTML 1Page - National Semiconductor (TI) LM4132 Datasheet HTML 2Page - National Semiconductor (TI) LM4132 Datasheet HTML 3Page - National Semiconductor (TI) LM4132 Datasheet HTML 4Page - National Semiconductor (TI) LM4132 Datasheet HTML 5Page - National Semiconductor (TI) LM4132 Datasheet HTML 6Page - National Semiconductor (TI) LM4132 Datasheet HTML 7Page - National Semiconductor (TI) LM4132 Datasheet HTML 8Page - National Semiconductor (TI) LM4132 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM4132
SOT-23 Precision Low Dropout Voltage Reference
General Description
The LM4132 family of precision voltage references performs
comparable to the best laser-trimmed bipolar references, but
in cost effective CMOS technology. The key to this break
through is the use of EEPROM registers for correction of
curvature, tempco, and accuracy on a CMOS bandgap ar-
chitecture that allows package level programming to over-
come assembly shift. The shifts in voltage accuracy and
tempco during assembly of die into plastic packages limit the
accuracy of references trimmed with laser techniques.
Unlike other LDO references, the LM4132 is capable of
delivering up to 20mA and does not require an output ca-
pacitor or buffer amplifier. These advantages and the SOT23
packaging are important for space-critical applications.
Series references provide lower power consumption than
shunt references, since they do not have to idle the maxi-
mum possible load current under no load conditions. This
advantage, the low quiescent current (60µA), and the low
dropout voltage (400mV) make the LM4132 ideal for battery-
powered solutions.
The LM4132 is available in five grades (A, B, C, D and E) for
greater flexibility. The best grade devices (A) have an initial
accuracy of 0.05% with guaranteed temperature coefficient
of 10ppm/˚C or less, while the lowest grade parts (E) have
an initial accuracy of 0.5% and a tempco of 30ppm/˚C.
Features
n
Output initial voltage accuracy 0.05%
n
Low temperature coefficient 10ppm/˚C
n
Low Supply Current, 60µA
n
Enable pin allowing a 3µA shutdown mode
n
20mA output current
n
Voltage options 1.8V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V
n
Custom voltage options available (1.8V to 4.096V)
n
V
IN range of VREF + 400mV to 5.5V @ 10mA
n
Stable with low ESR ceramic capacitors
n
SOT23-5 Package
Applications
n
Instrumentation & Process Control
n
Test Equipment
n
Data Acquisition Systems
n
Base Stations
n
Servo Systems
n
Portable, Battery Powered Equipment
n
Automotive & Industrial
n
Precision Regulators
n
Battery Chargers
n
Communications
n
Medical Equipment
Typical Application Circuit
20151301
*Note: The capacitor CIN is required and the capacitor COUT is optional.
August 2006
© 2006 National Semiconductor Corporation
DS201513
www.national.com


Similar Part No. - LM4132

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 40P
LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
More results

Similar Description - LM4132

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790 LINER-LT1790 Datasheet
297Kb / 24P
Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
logo
Linear Technology
LT1790BIS6-2.5TRPBF LINER-LT1790BIS6-2.5TRPBF Datasheet
325Kb / 26P
Micropower SOT-23 Low Dropout Reference Family
LT1790BCS6 LINER-LT1790BCS6 Datasheet
325Kb / 26P
Micropower SOT-23 Low Dropout Reference Family
logo
Analog Devices
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
logo
Linear Technology
LT1790 LINER-LT1790_15 Datasheet
325Kb / 26P
Micropower SOT-23 Low Dropout Reference Family
logo
Texas Instruments
LM4132 TI-LM4132_15 Datasheet
1Mb / 37P
LM4132/LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132_16 Datasheet
1Mb / 40P
LM4132, LM4132-Q1 SOT-23 Precision Low Dropout Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com