Electronic Components Datasheet Search
  English  ▼

X  

LM4132 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4132
Description  SOT-23 Precision Low Dropout Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4132 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4132 Datasheet HTML 12Page - National Semiconductor (TI) LM4132 Datasheet HTML 13Page - National Semiconductor (TI) LM4132 Datasheet HTML 14Page - National Semiconductor (TI) LM4132 Datasheet HTML 15Page - National Semiconductor (TI) LM4132 Datasheet HTML 16Page - National Semiconductor (TI) LM4132 Datasheet HTML 17Page - National Semiconductor (TI) LM4132 Datasheet HTML 18Page - National Semiconductor (TI) LM4132 Datasheet HTML 19Page - National Semiconductor (TI) LM4132 Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Application Information
THEORY OF OPERATION
The foundation of any voltage reference is the band-gap
circuit. While the reference in the LM4132 is developed from
the gate-source voltage of transistors in the IC, principles of
the band-gap circuit are easily understood using a bipolar
example. For a detailed analysis of the bipolar band-gap
circuit, please refer to Application Note AN-56.
SUPPLY AND ENABLE VOLTAGES
To ensure proper operation, V
EN and VIN must be within a
specified range. An acceptable range of input voltages is
V
IN > VREF + 400mV (ILOAD
≤ 10mA)
The enable pin uses an internal pull-up current source (I
P-
ULL_UP )
2µA) that may be left floating or triggered by an
external source. If the part is not enabled by an external
source, it may be connected to V
IN. An acceptable range of
enable voltages is given by the enable transfer characteris-
tics. See the Electrical Characteristics section and Enable
Transfer Characteristics figure for more detail. Note, the part
will not operate correctly for V
EN > VIN.
COMPONENT SELECTION
A small ceramic (X5R or X7R) capacitor on the input must be
used to ensure stable operation. The value of C
IN must be
sized according to the output capacitor value. The value of
C
IN must satisfy the relationship CIN
≥ C
OUT. When no output
capacitor is used, C
IN must have a minimum value of 0.1µF.
Noise on the power-supply input may affect the output noise.
Larger input capacitor values (typically 4.7µF to 22µF) may
help reduce noise on the output and significantly reduce
overshoot during startup. Use of an additional optional by-
pass capacitor between the input and ground may help
further reduce noise on the output. With an input capacitor,
the LM4132 will drive any combination of resistance and
capacitance up to V
REF/20mA and 10µF respectively.
The LM4132 is designed to operate with or without an output
capacitor and is stable with capacitive loads up to 10µF.
Connecting a capacitor between the output and ground will
significantly improve the load transient response when
switching from a light load to a heavy load. The output
capacitor should not be made arbitrarily large because it will
effect the turn-on time as well as line and load transients.
While a variety of capacitor chemistry types may be used, it
is typically advisable to use low esr ceramic capacitors. Such
capacitors provide a low impedance to high frequency sig-
nals, effectively bypassing them to ground. Bypass capaci-
tors should be mounted close to the part. Mounting bypass
capacitors close to the part will help reduce the parasitic
trace components thereby improving performance.
SHORT CIRCUITED OUTPUT
The LM4132 features indefinite short circuit protection. This
protection limits the output current to 75mA when the output
is shorted to ground.
TURN ON TIME
Turn on time is defined as the time taken for the output
voltage to rise to 90% of the preset value. The turn on time
depends on the load. The turn on time is typically 33.2µs
when driving a 1µF load and 78.8µs when driving a 10µF
load. Some users may experience an extended turn on time
(up to 10ms) under brown out conditions and low tempera-
tures (-40˚C).
THERMAL HYSTERESIS
Thermal hysteresis is defined as the change in output volt-
age at 25oC after some deviation from 25oC. This is to say
that thermal hysteresis is the difference in output voltage
between two points in a given temperature profile. An illus-
trative temperature profile is shown in Figure 1.
This may be expressed analytically as the following:
Where
V
HYS = Thermal hysteresis expressed in ppm
V
REF = Nominal preset output voltage
V
REF1 =VREF before temperature fluctuation
V
REF2 =VREF after temperature fluctuation.
The LM4132 features a low thermal hysteresis of 75 ppm
(typical) from -40˚C to 125˚C after 8 temperature cycles.
TEMPERATURE COEFFICIENT
Temperature drift is defined as the maximum deviation in
output voltage over the operating temperature range. This
deviation over temperature may be illustrated as shown in
Figure 2.
Temperature coefficient may be expressed analytically as
the following:
20151338
FIGURE 1. Illustrative Temperature Profile
20151339
FIGURE 2. Illustrative V
REF vs Temperature Profile
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com