Electronic Components Datasheet Search
  English  ▼

X  

ADRF5292 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5292
Description  High Isolation, Silicon SP4T, Nonreflective Switch, 0.1GHz to 13GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5292 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5292 Datasheet HTML 7Page - Analog Devices ADRF5292 Datasheet HTML 8Page - Analog Devices ADRF5292 Datasheet HTML 9Page - Analog Devices ADRF5292 Datasheet HTML 10Page - Analog Devices ADRF5292 Datasheet HTML 11Page - Analog Devices ADRF5292 Datasheet HTML 12Page - Analog Devices ADRF5292 Datasheet HTML 13Page - Analog Devices ADRF5292 Datasheet HTML 14Page - Analog Devices ADRF5292 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADRF5292
THEORY OF OPERATION
analog.com
Rev. A | 13 of 15
The ADRF5292 integrates a driver to perform logic functions inter-
nally and to provide the advantage of a simplified CMOS-/LVTTL-
compatible control interface. There are two digital control input pins
(V1 and V2) that determine which RF port is in the insertion loss
state and which RF port is in the isolation state. See Table 7 for the
control voltage truth table.
Table 7. Control Voltage Truth Table
V1
V2
RFC to RF1
RFC to RF2
RFC to RF3
RFC to RF4
Low
Low
On
Off
Off
Off
High
Low
Off
On
Off
Off
Low
High
Off
Off
On
Off
High
High
Off
Off
Off
On
RF INPUT AND OUTPUT
The RF pins (RFC and RF1 to RF4) are DC-coupled, and DC
blocking capacitors are required on the RF lines. The RF ports are
internally matched to 50Ω. Therefore, external matching networks
are not required.
The insertion loss path conducts the RF signal between the select-
ed RF throw port and the RF common port. The isolation path
provides high loss between the insertion loss path and the unselect-
ed RF throw port that is terminated to an internal 50Ω resistor.
The ADRF5292 is bidirectional with equal power handling capabili-
ties. The RF input signal can be applied to the RFC port or the
selected RF throw port.
POWER SUPPLY
The ADRF5292 requires a positive supply on the VDD pin. Bypass-
ing capacitors are recommended on the supply lines to minimize
RF coupling.
The power-up sequence is as follows:
1. Connect to GND.
2. Power up VDD.
3. Apply the digital control inputs. The relative order of the logic
control inputs is not important. Powering the digital control
inputs before VDD can inadvertently forward bias and damage
ESD protection structures. To avoid this damage, use a series
1kΩ resistor to limit the current flowing into the digital control
pins. Use pull-up or pull-down resistors if the controller is in a
high impedance state after VDD is powered up and the control
pins are not driven to a valid logic state.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com