Electronic Components Datasheet Search
  English  ▼

X  

ADRF5292 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5292
Description  High Isolation, Silicon SP4T, Nonreflective Switch, 0.1GHz to 13GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5292 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5292 Datasheet HTML 1Page - Analog Devices ADRF5292 Datasheet HTML 2Page - Analog Devices ADRF5292 Datasheet HTML 3Page - Analog Devices ADRF5292 Datasheet HTML 4Page - Analog Devices ADRF5292 Datasheet HTML 5Page - Analog Devices ADRF5292 Datasheet HTML 6Page - Analog Devices ADRF5292 Datasheet HTML 7Page - Analog Devices ADRF5292 Datasheet HTML 8Page - Analog Devices ADRF5292 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADRF5292
SPECIFICATIONS
analog.com
Rev. A | 3 of 15
Positive supply voltage (VDD) = 5V, Control Voltage 1 (V1) and Control Voltage 2 (V2) = 0V or 5V, and TCASE = 25°C, with a 50Ω system, unless
otherwise noted. RFx refers to RF1 to RF4.
Table 1. Electrical Characteristics for VDD = 5V
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.1
13
GHz
INSERTION LOSS
Between RFC and RFx (On)
0.1GHz to 2GHz
1.0
dB
2GHz to 7GHz
1.3
dB
7GHz to 13GHz
1.6
dB
RETURN LOSS
RFC (On State)
0.1GHz to 13GHz
<20
dB
RFx (On State)
0.1GHz to 7GHz
<20
dB
7GHz to 13GHz
17
dB
RFx (Terminated State)
0.4GHz to 13GHz
<20
dB
ISOLATION
Between RFC and RFx
0.1GHz to 2GHz
55
dB
2GHz to 7GHz
46
dB
7GHz to 13GHz
40
dB
Between RFx and RFx
0.1GHz to 2GHz
55
dB
2GHz to 7GHz
45
dB
7GHz to 13GHz
40
dB
SWITCHING CHARACTERISTICS
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output (RFOUT)
40
ns
On Tine and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
130
ns
RF Settling Time, 0.1dB
tSETTLING
50% VCTRL to 0.1dB of final RFOUT
230
ns
INPUT LINEARITY1
0.4GHz to 10GHz
0.1dB Power Compression
P0.1dB
VDD = 5V
34.5
dBm
Third-Order Intercept
IP3
Two- tone input power = 14dBm each tone, Δf = 1MHz
61
dBm
SUPPLY CURRENT
IDD
VDD = 5V
480
µA
DIGITAL CONTROL INPUTS
V1 and V2 pins
Voltage
VDD = 5V
Low
VINL
0
0.8
V
High
VINH
1.07
5
V
Current
Low
IINL
V1 and V2 = 0V, VDD = 5V
<1
µA
High
IINH
V1 = 5V, VDD = 5V
63
µA
V2 = 5V, VDD = 5V
63
µA
RECOMMENDED OPERATING CONDITONS
Supply Voltage
VDD
4.75
5
5.25
V
RF Input Power 2
PIN
f = 100MHz to 10GHz, TCASE = 85°C3, 4
Through Path
RF signal is applied to RFC or through the connected
RF throw port (selected RFx)
Average
34
dBm
Peak5
34
dBm
Terminated Path
RF signal is applied to the unselected RFx port
Average
24
dBm
Peak
29
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com