Electronic Components Datasheet Search
  English  ▼

X  

S3F Datasheet(PDF) 4 Page - Vishay Siliconix

Part # S3F
Description  Very Fast Acting Thin Film Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S3F Datasheet(HTML) 4 Page - Vishay Siliconix

  S3F Datasheet HTML 1Page - Vishay Siliconix S3F Datasheet HTML 2Page - Vishay Siliconix S3F Datasheet HTML 3Page - Vishay Siliconix S3F Datasheet HTML 4Page - Vishay Siliconix S3F Datasheet HTML 5Page - Vishay Siliconix S3F Datasheet HTML 6Page - Vishay Siliconix S3F Datasheet HTML 7Page - Vishay Siliconix S3F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S3F
www.vishay.com
Vishay Sfernice
Revision: 09-Oct-2025
4
Document Number: 50088
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Packaging is compliant to EIA-481 Rev. D (IEC 60286, part 3) standard
SOLDERING / MOUNTING PARAMETERS
Please see the application note (www.vishay.com/doc?52029). The recommended reflow solder process parameters are
displayed in pages 4 and 5.
PERFORMANCES
TESTS
CONDITIONS
REQUIREMENTS
PERMISSIBLE CHANGES
Carrying capacity
Rated current, 4 h
No fusing
Fusing time
200 % of its rated current
Within 5 s
Interrupting ability
After the fuse is interrupted, rated voltage
applied for 30 s again
No mechanical damages
Bending test
Distance between holding points: 90 mm
Bending: 3 mm, 1 time, 30 s
No mechanical damages
Resistance to solder heat
260 °C ± 5 °C, 10 s ± 1 s
± 20 %
Solderability
235 °C ± 5 °C, 2 s ± 0.5 s
245 °C ± 5 °C, 2 s ± 0.5 s (lead (Pb)-free)
95 % coverage minimum
Temperature rise
100 % of its rated current,
measurement of surface temperature
< 75 °C
Resistance to dry heat
105 °C ± 5 °C, 1000 h
± 20 %
Resistance to solvent
23 °C ± 5 °C in isopropyl alcohol, 90 s
No evident damages on protective
coating and marking
Residual resistance
DC measurement after fusing
10 k
Ω and more
Thermal shock
-25 °C / 25 °C / 125 °C / 25 °C, 10 cycles
PACKAGING
SIZE
MOQ
TAPE WIDTH
TAPE PITCH
PACKAGING DIMENSIONS
0402
10 000
8 mm
2 mm
Ø 180 mm / 7"
0603
5000
4 mm
Ø 180 mm / 7"
1206
5000
4 mm
Ø 180 mm / 7"
GLOBAL PART NUMBER INFORMATION
Part Number: S3F060350V1A50TT
MODEL
SIZE
RATING
VOLTAGE
RATING
CURRENT
TERMINATION
PACKAGING
S3F
0402 (1005)
0603 (1608)
1206 (3216)
32 V
50 V
63 V
A500 = 0.5 A
1A50 = 1.5 A
3A15 = 3.15 A
T = Sn
T (tape and reel) =
paper tape
(5000 / 10 000)
ΔR
R
--------
10 %
<
3
F
060
350
S
V1
T
A
5
0
T



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com