Electronic Components Datasheet Search
  English  ▼

X  

S3F Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S3F
Description  Very Fast Acting Thin Film Chip Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S3F Datasheet(HTML) 1 Page - Vishay Siliconix

  S3F Datasheet HTML 1Page - Vishay Siliconix S3F Datasheet HTML 2Page - Vishay Siliconix S3F Datasheet HTML 3Page - Vishay Siliconix S3F Datasheet HTML 4Page - Vishay Siliconix S3F Datasheet HTML 5Page - Vishay Siliconix S3F Datasheet HTML 6Page - Vishay Siliconix S3F Datasheet HTML 7Page - Vishay Siliconix S3F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S3F
www.vishay.com
Vishay Sfernice
Revision: 09-Oct-2025
1
Document Number: 50088
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Very Fast Acting Thin Film Chip Fuses
LINKS TO ADDITIONAL RESOURCES
FEATURES
• 3 sizes: 0402, 0603, and 1206
• Maximal protection as fuses are designed to
open in t < 5 s at 200 % overload
• UL 248-14 compliant
• From 0.5 A to 7 A
• Low resistance
• Body temperature rising < 75 °C at 100 % rated current
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
S3F thin film chip fuses are designed to ensure circuit continuity with minimal resistance and reliable interruption under overload
condition. Particularly adapted to be compatible with numerous applications in the sector of electronics. They comply with
industrial and government standards, as well as Vishay quality and reliability requirements.
DIMENSIONS
333
DDD3 D
3D Models
TECHNICAL SPECIFICATIONS
DESCRIPTION
S3F0402
S3F0603
S3F1206
Imperial size
0402
0603
1206
Rated current
IN range
0.50 A to 4.00 A
0.50 A to 5.00 A
0.50 A to 7.00 A
Rated voltage
Umax. DC
32 V
32 V and 50 V
32 V and 63 V
Cold resistance at
I ≤ 0.1 x IN
16 m
Ω to 380 mΩ
10 m
Ω to 260 mΩ
9 m
Ω to 527.5 mΩ
Fusing time
Open within 5 s at 200 % rated power
Body temperature rise
< 75 °C at 100 % rated current
Operating temperature range
-25 °C to 125 °C with proper derating factor
Approved UL 248-14 recognition file
E548286
DIMENSIONS AND TOLERANCES in millimeters (inches)
TYPE
A
B
C
D
E
S3F0402
1.00 ± 0.10
(0.039 ± 0.004)
0.52 ± 0.05
(0.020 ± 0.002)
0.35 ± 0.05
(0.014 ± 0.002)
0.20 ± 0.10
(0.008 ± 0.004)
0.25 ± 0.10
(0.010 ± 0.004)
S3F0603
1.60 ± 0.10
(0.063 ± 0.004)
0.80 ± 0.10
(0.031 ± 0.004)
0.45 ± 0.10
(0.018 ± 0.004)
0.30 ± 0.20
(0.012 ± 0.008)
0.35 ± 0.20
(0.014 ± 0.008)
S3F1206
3.10 ± 0.10
(0.122 ± 0.004)
1.55 ± 0.10
(0.061 ± 0.004)
0.60 ± 0.10
(0.024 ± 0.004)
0.50 ± 0.30
(0.020 ± 0.012)
0.50 ± 0.20
(0.020 ± 0.008)
A
D
D
C
E
E
B
F


Similar Part No. - S3F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3F ETC2-S3F Datasheet
200Kb / 5P
Medium Capacity Standard Size Toggles
logo
Nihon Kaiheiki Industry...
S3F NKK-S3F Datasheet
446Kb / 5P
Medium Capacity Standard Size Toggles
logo
PANDUIT CORP.
S3F-C PANDUIT-S3F-C Datasheet
64Kb / 1P
Panduct Snap-Clip Mounting Brackets
logo
Samsung semiconductor
S3F380D SAMSUNG-S3F380D Datasheet
148Kb / 24P
Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
S3F441FX SAMSUNG-S3F441FX Datasheet
1Mb / 233P
32-Bit CMOS RISC Microprocessor
More results

Similar Description - S3F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0433.600NR LITTELFUSE-0433.600NR Datasheet
172Kb / 3P
Surface Mount Fuses Thin Film > 1206 Size > Very Fast Acting > 433 Series
0435.375KRHF LITTELFUSE-0435.375KRHF Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
0435.500KR LITTELFUSE-0435.500KR Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
04331.25NR LITTELFUSE-04331.25NR Datasheet
172Kb / 3P
Surface Mount Fuses Thin Film > 1206 Size > Very Fast Acting > 433 Series
04331.75NR LITTELFUSE-04331.75NR Datasheet
172Kb / 3P
Surface Mount Fuses Thin Film > 1206 Size > Very Fast Acting > 433 Series
04351.25KRHF LITTELFUSE-04351.25KRHF Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
04351.75KRHF LITTELFUSE-04351.75KRHF Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
043301.5NR LITTELFUSE-043301.5NR Datasheet
172Kb / 3P
Surface Mount Fuses Thin Film > 1206 Size > Very Fast Acting > 433 Series
043501.5KRHF LITTELFUSE-043501.5KRHF Datasheet
663Kb / 3P
Surface Mount Fuses Thin Film > 0402 Size > Very Fast-Acting > 435 Series
0434005.NRP LITTELFUSE-0434005.NRP Datasheet
175Kb / 3P
Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com