Electronic Components Datasheet Search
  English  ▼

X  

LTC1064CSW Datasheet(PDF) 10 Page - Analog Devices

Part # LTC1064CSW
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1064CSW Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC1064CSW Datasheet HTML 6Page - Analog Devices LTC1064CSW Datasheet HTML 7Page - Analog Devices LTC1064CSW Datasheet HTML 8Page - Analog Devices LTC1064CSW Datasheet HTML 9Page - Analog Devices LTC1064CSW Datasheet HTML 10Page - Analog Devices LTC1064CSW Datasheet HTML 11Page - Analog Devices LTC1064CSW Datasheet HTML 12Page - Analog Devices LTC1064CSW Datasheet HTML 13Page - Analog Devices LTC1064CSW Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC1064
10
1064fb
fO =
1 +
; fn =
; HOHP f→
=
HON(f = fO) = Q
HOLP –
HOHP ; Q =
1064 F09Eq
fO =
; fn =
; HOHP =
; HOBP =
fCLK
100
R2
R4
RH
RL
MODE 3a (100:1):
NOTE: THE 50:1 EQUATIONS FOR MODE 3A ARE DIFFERENT FROM
THE EQUATIONS FOR MODE 3A OPERATION OF THE LTC1059,
LTC1060 AND LTC1061. START WITH fO, CALCULATE R2/R4, SET R4;
FROM THE Q VALUE, CALCULATE R3:
√
R2
R4
√
√
fCLK
100
R2
R4
R3 =
; THEN CALCULATE R1 TO
SET THE DESIRED GAIN.
+
R2
1.005
Q
√
R2
16R4
R2
R1
–
R2
R3
R2
16R4
R2
R4
1.005
√
–
R3
R1
HOBP = –
; HOLP(f = 0) =
Q =
R3
16R4
1 –
R4
R1
–
;
R3
R1
–
;
R3
R2
R4
R1
fCLK
2
()
()()
()( )
RH
RL
√
R2
R4
√
fCLK
50
fCLK
50
MODE 3a (50:1):
R2
R1
–
;
fCLK
2
()
()
HOLP = –
; HON1(f→ 0) =
; HON2 f→
=
;
R4
R1
R2
R1
RG
RL
RG
RL
RG
RH
RG
RH
–
+
∫
∫
LP
+ Σ
AGND
HP
S
1/4 LTC1064
–
BP
R1
R2
VIN
R3
R4
1064 F09
CC
RL
RH
RG
NOTCH
EXTERNAL OP AMP OR INPUT
OP AMP OF THE LTC1064,
SIDE A, B, C, D
–
+
1064 F08Eq
fO =
1 +
; fn =
; Q =
1 +
; HOLP = –
;
fCLK
100
R2
R4
R3
R2
MODE 2 (100:1):
NOTE: THE 50:1 EQUATIONS FOR MODE 2 ARE DIFFERENT FROM THE EQUATIONS
FOR MODE 2 OPERATION OF THE LTC1059, LTC1060 AND LTC1061. START WITH
fO, CALCULATE R2/R4, SET R4; FROM THE Q VALUE, CALCULATE R3:
√
R2
R4
√
R2
R4
√
fO =
1 +
; fn =
; Q =
; HOLP = –
;
fCLK
50
fCLK
50
fCLK
50
MODE 2 (50:1):
R2
R3
R2
16R4
R2
R4
1.005
1 +
√
–
R3
R1
HOBP = –
; HON1(f→ 0) = –
; HON2 = f→
=
R3
16R4
1 –
R2
R4
R3 =
; THEN CALCULATE R1 TO SET THE DESIRED GAIN.
1 +
+
R2
1.005
Q
√
R2
16R4
R2
R1
R2
R4
1 +
R2
R1
–
R2
R1
R2
R4
1 +
R2
R1
R2
R4
1 +
fCLK
2
()
fCLK
2
()
HOBP = –
; HON1(f→ 0) = –
; HON2 f→
= –
R3
R1
R2
R1
R2
R1
R2
R4
1 +
–
+
∫
∫
LP
1064 F08
+ Σ
AGND
NS
1/4 LTC1064
–
R1
R2
VIN
R3
R4
BP
ODES OF OPERATIO
Figure 8. Mode 2: 2nd Order Filter Providing Notch, Bandpass and Lowpass
Mode 3a
This is an extension of Mode 3 where the highpass and
lowpass outputs are summed through two external resis-
tors RH and RL to create a notch. This is shown in Figure 9.
Mode 3a is more versatile than Mode 2 because the notch
frequency can be higher or lower than the center fre-
quency of the 2nd order section. The external op amp of
Figure 9 is not always required. When cascading the
sections of the LTC1064, the highpass and lowpass
outputs can be summed directly into the inverting input of
the next section. The topology of Mode 3a is useful for
elliptic highpass and notch filters with clock-to-cutoff
frequency ratios higher than 100:1. This is often required
to extend the allowed input signal frequency range and to
avoid premature aliasing.
When the internal clock-to-center frequency ratio is set at
50:1, the design equations for Q and bandpass gain are
different from the 100:1 case.
Figure 9. Mode 3a: 2nd Order Filter Providing Highpass, Bandpass, Lowpass and Notch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com