Electronic Components Datasheet Search
  English  ▼

X  

LTC1064CSW Datasheet(PDF) 20 Page - Analog Devices

Part # LTC1064CSW
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1064CSW Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC1064CSW Datasheet HTML 12Page - Analog Devices LTC1064CSW Datasheet HTML 13Page - Analog Devices LTC1064CSW Datasheet HTML 14Page - Analog Devices LTC1064CSW Datasheet HTML 15Page - Analog Devices LTC1064CSW Datasheet HTML 16Page - Analog Devices LTC1064CSW Datasheet HTML 17Page - Analog Devices LTC1064CSW Datasheet HTML 18Page - Analog Devices LTC1064CSW Datasheet HTML 19Page - Analog Devices LTC1064CSW Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC1064
20
1064fb
INPUT FREQUENCY (kHz)
10
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
20
30
40
50
1064 TA22
60
70
BW
VS = ±8V
fCLK = 4MHz
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R22
R32
R42
R23
R33
R14
R13
R44
R34
R24
8V
0.1
µF
C3
C1
–8V
fCLK ≤ 5MHz
VOUT
VIN1
1064 TA21
R12
R31
R21
RESISTOR VALUES:
R11 = 50k
R21 = 5k
R31 = 50k
RG = 68.1k
R12 = 15.4k
R22 = 10k
R32 = 88.7k
R42 = 48.7k
RL4 = 10k (0.1%)
R13 = 10k
R23 = 10k
R33 = 100k
RH4 = 10k (0.1%)
R14 = 9.09k
R24 = 10k
R34 = 63.4k
R44 = 12.4k
RL4
0.1%
0.1
µF
RG
RH4
0.1%
R11
C2
–
+
LT1056
C1 = C2 = C3 = 15pF
THE NOTCH DEPTH FROM
5kHz TO 30kHz IS 50dB
WIDEBAND NOISE = 300
µVRMS
TYPICAL APPLICATIO S
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENT
LTC1061
Triple Universal Filter Building Block
Three Filter Building Blocks in a 20-Pin Package
LTC1068 Series
Quad Universal Building Blocks
fCLK:fO = 25:1, 50:1, 100:1 and 200:1
LTC1164
Low Power, Quad Universal Filter Building Block
Low Noise, Low Power Pin-for-Pin LTC1064 Compatible
LTC1264
High Speed, Quad Universal Building Block
Up to 250kHz Center Frequency
Clock-Tunable, 30kHz to 90kHz 8th Order Notch Filter
Providing Notch Depth in Excess of 60dB
Amplitude Response
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1989
LT/LT 0905 REV B • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com