Electronic Components Datasheet Search
  English  ▼

X  

LTC1264 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC1264
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1264 Datasheet(HTML) 4 Page - Analog Devices

  LTC1264 Datasheet HTML 1Page - Analog Devices LTC1264 Datasheet HTML 2Page - Analog Devices LTC1264 Datasheet HTML 3Page - Analog Devices LTC1264 Datasheet HTML 4Page - Analog Devices LTC1264 Datasheet HTML 5Page - Analog Devices LTC1264 Datasheet HTML 6Page - Analog Devices LTC1264 Datasheet HTML 7Page - Analog Devices LTC1264 Datasheet HTML 8Page - Analog Devices LTC1264 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC1064
4
1064fb
CENTER FREQUENCY (kHz)
10
0
20
15
10
5
0
–5
1.5
1.0
0.5
0
20 30
50
40
60 70 80 90
1064 G03
100110 120
TA = 25°C
Q = 10
PIN 17 AT V+
(R2/R4) = 3
VS = ±2.5V
CC = 15pF
VS = ±5V
CC = 15pF
VS = ±2.5V
VS = ±5V
CENTER FREQUENCY (kHz)
10
0
20
15
10
5
0
–5
1.5
1.0
0.5
0
20 30
50
40
60 70 80 90
1064 G02
100110 120
TA = 25°C
Q = 5
Q = 10
VS = ±2.5V
VS = ±5V
VS = ±7.5V
VS = ±2.5V
TA = 25°C
Q = 5 OR 10
VS = ±7.5V
VS = ±5V
CENTER FREQUENCY (kHz)
10
0
20
15
10
5
0
–5
1.5
1.0
0.5
0
20 30
50
40
60 70 80 90
1064 G01
100110 120
TA = 25°C
Q = 5
Q = 10
VS = ±2.5V
VS = ±5V
VS = ±7.5V
VS = ±5V
VS = ±2.5V
TA = 25°C
Q = 5 OR 10
VS = ±7.5V
–
+
+
∫
+
∫
+
∫
+
∫
+
∫
+
∫
50/100 (17)
CLK (18)
HPC/NC
(23)
BPC
(22)
LPC
(21)
HPB/NB
(2)
BPB
(3)
LPB
(4)
BPA
(10)
LPA
(9)
INV A
(12)
AGND
(6)
INV C
(24)
1064 BD
HPA/NA
(11)
+ Σ
SA
(8)
–
+
–
+
–
+
–
+
INV D
(13)
INV B
(1)
HPD
(14)
Σ
–
SB
(5)
Σ
–
SC
(20)
+
+
∫
BPD
(15)
+
∫
LPD
(16)
V+ (7)
V – (19)
BY TYING PIN 17 TO V +, ALL SECTIONS
OPERATE WITH (fCLK/fO) = 50:1
BY TYING PIN 17 TO V –, ALL SECTIONS
OPERATE WITH (fCLK/fO) = 100:1
BY TYING PIN 17 TO AGND, SECTIONS B, C
OPERATE WITH (fCLK/fO) = 50:1 AND
SECTIONS A, D OPERATE AT 100:1
TYPICAL PERFORMANCE CHARACTERISTICS
Mode 1, (fCLK/fO) = 50:1
Mode 1, (fCLK/fO) = 100:1
Mode 2, (fCLK/fO) = 25:1
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com