Electronic Components Datasheet Search
  English  ▼

X  

LTC1264 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1264
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1264 Datasheet(HTML) 3 Page - Analog Devices

  LTC1264 Datasheet HTML 1Page - Analog Devices LTC1264 Datasheet HTML 2Page - Analog Devices LTC1264 Datasheet HTML 3Page - Analog Devices LTC1264 Datasheet HTML 4Page - Analog Devices LTC1264 Datasheet HTML 5Page - Analog Devices LTC1264 Datasheet HTML 6Page - Analog Devices LTC1264 Datasheet HTML 7Page - Analog Devices LTC1264 Datasheet HTML 8Page - Analog Devices LTC1264 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC1064
3
1064fb
ELECTRICAL CHARACTERISTICS (Complete Filter) The ● denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at VS = ±5V, TA = 25°C, TTL clock input level, unless otherwise specified.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency Range, fO
VS = ±8V, Q ≤ 3
0.1 to 140
kHz
Input Frequency Range
0 to 1
MHz
Clock-to-Center Frequency
LTC1064
fCLK = 1MHz, fO = 20kHz, Pin 17 High
50
± 0.3
%
Ratio, fCLK/fO
LTC1064A (Note 2)
Sides A, B, C: Mode 1,
●
50
± 0.8
%
R1 = R3 = 5k, R2 = 5k, Q = 10,
Sides D: Mode 3, R1 = R3 = 50k
●
50
± 0.9
%
R2 = R4 = 5k
LTC1064
Same as Above, Pin 17 Low, fCLK = 1MHz
100
± 0.3
%
LTC1064A (Note 2)
fO = 10kHz
Sides A, B, C
●
100
± 0.8
%
Side D
●
100
± 0.9
Clock-to-Center Frequency
LTC1064
fCLK = 1MHz
0.4
%
Ratio, Side-to-Side Matching
LTC1064A (Note 2)
●
1%
Clock-to-Center Frequency
LTC1064
fCLK = 4MHz, fO = 80kHz, Pin 17 High
50
± 0.6
%
Ratio, fCLK/fO (Note 3)
LTC1064A (Note 2)
Sides A, B, C: Mode 1, VS = ±7.5V
50
± 1.3
%
R1 = R3 = 50k, R2 = 5k, Q = 5
Side D: Mode 3, R1 = R3 = 50k
R2 = R4 = 5k, fCLK = 4MHz
LTC1064
Same as Above, Pin 17 Low
100
± 0.6
%
LTC1064 A (Note 2)
fCLK = 4MHz, fO = 40kHz
100
± 1.3
%
Q Accuracy
Sides A, B, C: Mode 1, Q = 10
●
±26
%
Side D: Mode 3, fCLK = 1MHz
●
±38
%
fO Temperature Coefficient
Mode 1, 50:1, fCLK < 2MHz
±1
ppm/
°C
Q Temperature Coefficient
Mode 1, 100:1, fCLK < 2MHz
±5
ppm/
°C
Mode 3, fCLK < 2MHz
±5
ppm/
°C
DC Offset Voltage
VOS1 (Table 1)
fCLK = 1MHz, 50:1 or 100:1
●
215
mV
VOS2 (Table 1)
fCLK = 1MHz, 50:1 or 100:1
●
345
mV
VOS3 (Table 1)
fCLK = 1MHz, 50:1 or 100:1
●
345
mV
Clock Feedthrough
fCLK < 1MHz
0.2
mVRMS
Maximum Clock Frequency
Mode 1, Q < 5, VS ≥ ±5V
7
MHz
Power Supply Current
912
23
mA
●
26
mA
VOSN
VOSBP
VOSLP
MODE
PINS 2, 11, 14, 23
PINS 3, 10, 15, 22
PINS 4, 9, 16, 21
1VOS1 [(1/Q) + 1 + ⏐⏐HOLP⏐⏐] – VOS3/Q
VOS3
VOSN – VOS2
1b
VOS1 [(1/Q) + 1 + (R2/R1)] – VOS3/Q
VOS3
~(VOSN – VOS2)[1 + (R5/R6)]
2VOS1 [(1 + (R2/R1) + (R2/R3) + (R2/R4) – VOS3(R2/R3)]
VOS3
VOSN – VOS2
× [R4/(R2 + R4)] + VOS2[R2/(R2 + R4)]
3VOS2
VOS3
VOS1[1 + (R4/R1) + (R4/R2) + (R4/R3)]
– VOS2(R4/R2) – VOS3(R4/R3)
Table 1. Output DC Offsets, One 2nd Order Section
Note 2: Contact LTC Marketing.
Note 3: Not tested, guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com