Electronic Components Datasheet Search
  English  ▼

X  

W144HT Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # W144HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W144HT Datasheet(HTML) 1 Page - SpectraLinear Inc

  W144HT Datasheet HTML 1Page - SpectraLinear Inc W144HT Datasheet HTML 2Page - SpectraLinear Inc W144HT Datasheet HTML 3Page - SpectraLinear Inc W144HT Datasheet HTML 4Page - SpectraLinear Inc W144HT Datasheet HTML 5Page - SpectraLinear Inc W144HT Datasheet HTML 6Page - SpectraLinear Inc W144HT Datasheet HTML 7Page - SpectraLinear Inc W144HT Datasheet HTML 8Page - SpectraLinear Inc W144HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
440BX AGPset Spread Spectrum Frequency Synthesizer
W144
Rev 1.0, November 21, 2006
Page 1 of 13
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Maximized electromagnetic interference (EMI)
suppression using Cypress’ Spread Spectrum
technology
• Single chip system frequency synthesizer for Intel®
440BX AGPset
• Two copies of CPU output
• Six copies of PCI output 1
• One 48 MHz output for USB
• One 24 MHz output for SIO
• Two buffered reference outputs
• One IOAPIC output
• Thirteen SDRAM outputs provide support for three
DIMMs
• Supports frequencies up to 150 MHz
•I2C interface for programming
• Power management control inputs
Note:
1. * Has an internal pull-up resistors. It should not be relied upon for setting I/O pins HIGH. Pin function with parentheses determined by MODE pin resistor strapping
while ** has an internal pull down resistor.
Table 1. Pin Selectable Frequency
Input Address
CPU_F, CPU1
(MHz)
PCI_F, 1:5 (MHz)
FS3
FS2
FS1
FS0
1
1
1
1
133.6
33.4 (CPU/4)
11
1
0
124
31 (CPU/4)
1
1
0
1
150
37.5 (CPU/4)
11
0
0
140
35 (CPU/4)
10
1
1
105
35 (CPU/3)
1
0
1
0
110
36.7 (CPU/3)
1
0
0
1
115
38.3 (CPU/3)
10
0
0
120
40 (CPU/3)
0
1
1
1
100.2
33.4 (CPU/3)
0
1
1
0
133.3
44.43 (CPU/3)
0
1
0
1
112
37.3 (CPU/3)
0
1
0
0
103
34.3 (CPU/3)
0
0
1
1
66.8
33.4 (CPU/2)
0
0
1
0
83.3
41.7 (CPU/2)
0
0
0
1
75
37.5 (CPU/2)
0
0
0
0
124
41.3 (CPU/3)
Logic Block Diagram
VDDQ3
REF0/(PCI_STOP#)
VDDQ2
CPU1
PCI_F/MODE
XTAL
PLL Ref Freq
PLL 1
X2
X1
REF1/FS2
VDDQ3
Stop
Clock
Control
Stop
Clock
Control
PCI2
PCI3
PCI4
48MHz/FS0
24MHz/FS1
PLL2
÷2,3,4
OSC
VDDQ2
CLK_STOP#
VDDQ3
IOAPIC
PCI5
I2C
SDATA
Logic
SCLK
I/O Pin
Control
SDRAM0:11
SDRAMIN
12
VDDQ3
PCI1/FS3
Stop
Clock
Control
Stop
Clock
Control
CPU_F
÷2
SDRAM_F
Pin Configuration
VDDQ3
REF0/(PCI_STOP#)
GND
X1
X2
VDDQ3
PCI_F/MODE
**PCI1/FS3
GND
PCI2
PCI3
PCI4
PCI5
VDDQ3
SDRAMIN
GND
SDRAM11
SDRAM10
VDDQ3
SDRAM9
SDRAM8
GND
SDATA
SCLK
VDDQ2
IOAPIC
REF1/FS2*
GND
CPU_F
CPU1
VDDQ2
CLK_STOP#
SDRAM_F
GND
SDRAM0
SDRAM1
VDDQ3
SDRAM2
SDRAM3
GND
SDRAM4
SDRAM5
VDDQ3
SDRAM6
SDRAM7
VDDQ3
48MHz/FS0*
24MHz/FS1*
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
I2C
{
[1]


Similar Part No. - W144HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W144HT CYPRESS-W144HT Datasheet
159Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
More results

Similar Description - W144HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W144 CYPRESS-W144 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
November 2, 1999
W149 CYPRESS-W149 Datasheet
157Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
July 31, 2000 rev. A
W150 CYPRESS-W150 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
February 10, 2000, rev. A
logo
SpectraLinear Inc
W149 SPECTRALINEAR-W149 Datasheet
202Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
W150 SPECTRALINEAR-W150 Datasheet
231Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144_04 Datasheet
159Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
W150 CYPRESS-W150_03 Datasheet
175Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com