Electronic Components Datasheet Search
  English  ▼

X  

W144HT Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # W144HT
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W144HT Datasheet(HTML) 9 Page - SpectraLinear Inc

Back Button W144HT Datasheet HTML 5Page - SpectraLinear Inc W144HT Datasheet HTML 6Page - SpectraLinear Inc W144HT Datasheet HTML 7Page - SpectraLinear Inc W144HT Datasheet HTML 8Page - SpectraLinear Inc W144HT Datasheet HTML 9Page - SpectraLinear Inc W144HT Datasheet HTML 10Page - SpectraLinear Inc W144HT Datasheet HTML 11Page - SpectraLinear Inc W144HT Datasheet HTML 12Page - SpectraLinear Inc W144HT Datasheet HTML 13Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
W144
Rev 1.0, November 21, 2006
Page 9 of 13
Absolute Maximum Conditions[3]
Stresses greater than those listed in this table may cause
permanent damage to the device. These represent a stress
rating only. Operation of the device at these or any other condi-
tions above those specified in the operating sections of this
specification is not implied. Maximum conditions for extended
periods may affect reliability.
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
TA
Operating Temperature
0 to +70
°C
ESDPROT
Input ESD Protection
2 (min)
kV
DC Electrical Characteristics TA = 0°C to +70°C; VDDQ3 = 3.3V±5%; VDDQ2 = 2.5V±5%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
Supply Current
IDD
3.3V Supply Current
CPU_F, CPU1 = 100.2 MHz
Outputs Loaded[4]
–260
–
mA
IDD
2.5V Supply Current
CPU_F, CPU1 = 100.2 MHz
Outputs Loaded[4]
–25
–
mA
Logic Inputs
VIL
Input Low Voltage
GND –
0.3
–0.8
V
VIH
Input High Voltage
2.0
–
VDDQ3 +
0.3
V
IIL
Input Low Current[5]
––
–25
A
IIH
Input High Current[5]
––
10
A
IIL
Input Low Current (SEL100/66#)
–
–
–5
A
IIH
Input High Current (SEL100/66#)
–
–
+5
A
Clock Outputs
VOL
Output Low Voltage
IOL = 1 mA
–
–
50
mV
VOH
Output High Voltage
IOH = 1 mA
3.1
–
–
V
VOH
Output High Voltage
CPU_F,1,
IOAPIC
IOH = –1 mA
2.2
–
–
V
IOL
Output Low Current
CPU_F, CPU1 VOL = 1.25V
27
57
97
mA
PCI_F, PCI1:5
VOL = 1.5V
20.5
53
139
mA
IOAPIC
VOL = 1.25V
40
85
140
mA
REF0:1
VOL = 1.5V
25
37
76
mA
48MHz
VOL = 1.5V
25
37
76
mA
24MHz
VOL = 1.5V
25
37
76
mA
IOH
Output High Current
CPU_F, CPU1 VOH = 1.25V
25
55
97
mA
PCI_F, PCI1:5
VOH = 1.5V
31
55
139
mA
IOAPIC
VOH = 1.25V
40
87
155
mA
REF0:1
VOH = 1.5V
27
44
94
mA
48MHz
VOH = 1.5V
27
44
94
mA
24MHz
VOH = 1.5V
25
37
76
mA
Notes:
3. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
4. All clock outputs loaded with 6" 60
traces with 22-pF capacitors.
5. W144 logic inputs (except FS3) have internal pull-up devices (pull-ups not full CMOS level). Logic input FS3 has an internal pull-down device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com