Electronic Components Datasheet Search
  English  ▼

X  

W191 Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # W191
Description  Skew Controlled SDRAM Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W191 Datasheet(HTML) 2 Page - SpectraLinear Inc

  W191 Datasheet HTML 1Page - SpectraLinear Inc W191 Datasheet HTML 2Page - SpectraLinear Inc W191 Datasheet HTML 3Page - SpectraLinear Inc W191 Datasheet HTML 4Page - SpectraLinear Inc W191 Datasheet HTML 5Page - SpectraLinear Inc W191 Datasheet HTML 6Page - SpectraLinear Inc W191 Datasheet HTML 7Page - SpectraLinear Inc W191 Datasheet HTML 8Page - SpectraLinear Inc W191 Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
W191
Rev 1.0, November 20, 2006
Page 2 of 9
Overview
The W191 is a skew controlled fanout buffer optimized for
interface with registered DIMMs.
Functional Description
Output Drivers
The W191 output buffers are CMOS type which deliver a
rail-to-rail (GND to VDD) output voltage swing into a nominal
capacitive load. Thus, output signaling is both TTL and CMOS
level compatible. Nominal output buffer impedance is 15 .
Serial Control
Serial control data is written to the W191 in ten bytes of eight
bits each. Bytes are written in the order shown in Table 1
Writing Data Bytes
Each bit in the data bytes control a particular device function.
Bits are written MSB (most significant bit) first, which is bit 7.
Table 1 gives the bit formats for registers located in Data
Bytes 0-2.
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
SDRAM0:5
1, 3, 6,
11, 13, 15
O
SDRAM Outputs: Provides buffered copy of BUF_IN. The propagation delay from a
rising input edge to a rising output edge is 2.5 to 5 ns. All outputs are skew controlled
to within ±150 ps of each other.
BUF_IN
4
I
Clock Input: This clock input has an input threshold voltage of 1.5V (typ).
SDATA
8
I/O
SMBus Data input: Data should be presented to this input as described in the SMBus
section of this data sheet. Internal 250-k
pull-up resistor.
SCLOCK
9
I
SMBus clock input: The SMBus Data clock should be presented to this input as
described in the SMBus section of this data sheet. Internal 250-k
pull-up resistor.
VDDQ3
7, 12, 16
P
Power Connection: Power supply for core logic and output buffers. Connected to
3.3V supply.
GND
2, 5, 10,
14
G
Ground Connection: Connect all ground pins to the common system ground plane.
Table 1. Byte Writing Sequence
Byte
Sequence
Byte Name
Bit Sequence
Byte Description
1
Slave Address
11010010
Commands the W191 to accept the bits in Data Bytes 0-6 for internal
register configuration. Since other devices may exist on the same
common serial data bus, it is necessary to have a specific slave address
for each potential receiver. The slave receiver address for the W191 is
11010010. Register setting will not be made if the Slave Address is not
correct (or is for an alternate slave receiver).
2
Command Code
Don’t Care
Unused by the W191, therefore bit values are ignored (don’t care). This
byte must be included in the data write sequence to maintain proper byte
allocation. The Command Code Byte is part of the standard serial
communication protocol and may be used when writing to another
addressed slave receiver on the serial data bus.
3
Byte Count
Don’t Care
Unused by the W191, therefore bit values are ignored (don’t care). This
byte must be included in the data write sequence to maintain proper byte
allocation. The Byte Count Byte is part of the standard serial communi-
cation protocol and may be used when writing to another addressed slave
receiver on the serial data bus.
4
Data Byte 0
Refer to
Table 2
The data bits in these bytes set internal W191 registers that control device
operation. The data bits are only accepted when the Address Byte bit
sequence is 11010010, as noted above. For description of bit control
functions, refer to Table 2.
5
Data Byte 1
6
Data Byte 2
7
Data Byte 3
Don’t Care
8
Data Byte 4
9
Data Byte 5
10
Data Byte 6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com