Electronic Components Datasheet Search
  English  ▼

X  

W191 Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # W191
Description  Skew Controlled SDRAM Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W191 Datasheet(HTML) 4 Page - SpectraLinear Inc

  W191 Datasheet HTML 1Page - SpectraLinear Inc W191 Datasheet HTML 2Page - SpectraLinear Inc W191 Datasheet HTML 3Page - SpectraLinear Inc W191 Datasheet HTML 4Page - SpectraLinear Inc W191 Datasheet HTML 5Page - SpectraLinear Inc W191 Datasheet HTML 6Page - SpectraLinear Inc W191 Datasheet HTML 7Page - SpectraLinear Inc W191 Datasheet HTML 8Page - SpectraLinear Inc W191 Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
W191
Rev 1.0, November 20, 2006
Page 4 of 9
Absolute Maximum Ratings[3]
Stresses greater than those listed in this table may cause
permanent damage to the device. These represent a stress
rating only. Operation of the device at these or any other condi-
tions above those specified in the operating sections of this
specification is not implied. Maximum conditions for extended
periods may affect reliability.
DC Electrical Characteristics: TA = 0°C to +70°C (Commercial), VDDQ3 = 3.3V ± 5%,TA = –40°C to +85°C (Industrial),
VDDQ3 = 3.3V ± 5%
[4]
Parameter
Description
Rating
Unit
VDDQ3, VIN
Voltage on any pin with respect to GND
–0.5 to + 7.0
V
TSTG
Storage Temperature
–65 to + 150
°C
TB
Ambient Temperature under Bias
–55 to + 125
°C
TA
Operating Temperature (Commercial)
0 to + 70
°C
TA
Operating Temperature (Industrial)
–40 to + 85
°C
Parame-
ter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
3.3V Supply Current
BUF_IN = 100 MHz
173
mA
IDD
3.3V Supply Current in three-state
BUF_IN = 100 MHz
5
mA
Logic Inputs (BUF_IN, OE, SCLOCK, SDATA)
VIL
Input Low Voltage
GND–0.3
0.8
V
VIH
Input High Voltage
2.0
VDDQ3+0.5
V
IILEAK
Input Leakage Current, BUF_IN
–5
+5
µA
IILEAK
Input Leakage Current[5]
–20
+5
µA
Logic Outputs (SDRAM0:5)
VOL
Output Low Voltage
IOL = 1 mA
50
mV
VOH
Output High Voltage
IOH = –1 mA
3.1
V
IOL
Output Low Current
VOL = 1.5V
65
100
160
mA
IOH
Output High Current
VOH = 1.5V
70
110
185
mA
Pin Capacitance/Inductance
CIN
Input Pin Capacitance (Except BUF_IN)
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Input Pin Inductance
7nH
Notes:
3. Multiple supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
4. Outputs loaded by 6” 60
transmission lines with 20 pF capacitors.
5. OE, SCLOCK, and SDATA logic pins have a 250-k
internal pull-up resistor (not CMOS level).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com