Electronic Components Datasheet Search
  English  ▼

X  

W196 Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # W196
Description  Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W196 Datasheet(HTML) 7 Page - SpectraLinear Inc

Back Button W196 Datasheet HTML 3Page - SpectraLinear Inc W196 Datasheet HTML 4Page - SpectraLinear Inc W196 Datasheet HTML 5Page - SpectraLinear Inc W196 Datasheet HTML 6Page - SpectraLinear Inc W196 Datasheet HTML 7Page - SpectraLinear Inc W196 Datasheet HTML 8Page - SpectraLinear Inc W196 Datasheet HTML 9Page - SpectraLinear Inc W196 Datasheet HTML 10Page - SpectraLinear Inc W196 Datasheet HTML 11Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
W196
Rev 1.0, November 28, 2006
Page 7 of 11
Note:
2. CPU and PCI frequency selections are listed in Table 1 and Table 5.
Table 5. Additional Frequency Selections through Serial Data Interface Data Bytes
Input Conditions
Data Byte 3, Bit [7:4, 1:0]
Output Frequency
If Spread Is On
Bit [1:0]
Bit 7
SEL_3
Bit 6
SEL_2
Bit 5
SEL_1
Bit 4
SEL_0
CPU, SDRAM
Clocks (MHz)
PCI Clocks
(MHz)
Spread Percentage
00
0
0
0
0
78
39
OFF
00
0
0
0
1
81
40.5
OFF
00
0
0
1
0
113.5
37.8
OFF
00
0
0
1
1
66.8
33.4
OFF
00
0
1
0
0
117
39
OFF
00
0
1
0
1
118.5
39.5
OFF
00
0
1
1
0
122
37.3
OFF
00
0
1
1
1
100
33.3
OFF
00
1
0
0
0
126
31.5
OFF
00
1
0
0
1
135
33.75
OFF
00
1
0
1
0
137
34.25
OFF
00
1
0
1
1
138.5
34.62
OFF
00
1
1
0
0
142
35.5
OFF
00
1
1
0
1
144
36
OFF
00
1
1
1
0
155
38.75
OFF
00
1
1
1
1
133.3
33.3
OFF
10
0
0
0
0
124
41.3
±0.5% Center
10
0
0
0
1
75
37.5
±0.5% Center
10
0
0
1
0
83.3
41.65
±0.5% Center
10
0
0
1
1
66.8
33.4
±0.5% Center
10
0
1
0
0
90
30
±0.5% Center
10
0
1
0
1
112
37.3
±0.5% Center
10
0
1
1
0
95
31.67
±0.5% Center
10
0
1
1
1
100
33.3
±0.5% Center
10
1
0
0
0
120
40
±0.5% Center
10
1
0
0
1
115
38.3
±0.5% Center
10
1
0
1
0
110
36.67
±0.5% Center
10
1
0
1
1
105
35
±0.5% Center
10
1
1
0
0
140
35
±0.5% Center
10
1
1
0
1
150
37.5
±0.5% Center
10
1
1
1
0
124
31
±0.5% Center
10
1
1
1
1
133.3
33.3
±0.5% Center
Table 6. Select Function for Data Byte 3, Bits 0:1
Function
Input Conditions
Output Conditions
Data Byte 3
CPU0:1
PCI_F, PCI1:6
REF2X,
IOAPIC
48MHZ
24MHZ
Bit 1
Bit 0
Spread Spectrum OFF
0
0
Note 2
Note 2
14.318 MHz
48 MHz
24 MHz
Test Mode
0
1
X1/2
CPU/2, 3, or 4
X1
X1/2
X1/4
Spread Spectrum ON (default)
1
0
±0.5%
±0.5%
14.318 MHz
48 MHz
24 MHz
Three-state
1
1
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com