Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-1 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1069-1
Description  Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices LTC1069-1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC1064-4
6
10644fb
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (kHz)
GAIN (dB)
PHASE (deg)
10.000
–0.094
–75.900
12.000
–0.100
–91.400
14.000
–0.090
–107.200
16.000
–0.080
–123.300
18.000
–0.060
–139.600
20.000
–0.040
–156.500
22.000
–0.020
–173.800
24.000
0.000
168.200
26.000
0.020
149.400
28.000
0.030
130.000
30.000
0.020
109.400
32.000
0.010
87.700
34.000
–0.020
64.600
36.000
–0.030
39.500
38.000
–0.010
11.400
40.000
–0.070
–22.000
42.000
–0.920
–64.100
44.000
–4.000
–110.100
46.000
–8.970
–147.000
48.000
–14.320
–173.500
50.000
–19.460
166.800
FREQUENCY (kHz)
GAIN (dB)
PHASE (deg)
10.000
–0.096
–32.390
20.000
–0.100
–64.900
30.000
–0.080
–98.100
40.000
–0.040
–132.300
50.000
0.020
–168.200
60.000
0.070
153.600
70.000
0.040
112.100
80.000
–0.120
66.400
90.000
–0.460
14.600
100.000
–1.310
–49.300
110.000
–5.640
–129.000
120.000
–14.530
167.800
130.000
–23.800
126.700
140.000
–32.600
96.200
150.000
–41.000
71.300
160.000
–49.200
49.200
170.000
–57.500
29.000
180.000
–66.500
9.800
190.000
–77.770
–2.320
200.000
–92.050
76.740
FREQUENCY (kHz)
GAIN (dB)
PHASE (deg)
110.000
–7.420
172.100
120.000
–18.240
119.400
130.000
–28.000
83.300
140.000
–37.000
54.000
150.000
–45.700
–27.600
160.000
–54.300
2.100
170.000
–63.300
–24.900
180.000
–73.610
–60.210
190.000
–85.300
–138.990
200.000
–83.390
129.580
Table 7. Gain/Phase for Figure 6.
Typical Response, Pin 10 at V+, fCUTOFF = 40kHz,
VS = ±7.5V, fCLK = 2MHz, Ratio = 50:1
Table 8. Gain/Phase for Figure 7.
Typical Response, Pin 10 at V+, fCUTOFF = 100kHz,
VS = ±7.5V, TA = 25°C, fCLK = 5MHz, Ratio = 50:1
Table 9. Gain/Phase for Figure 7.
Typical Response, Pin 10 at V+ fCUTOFF = 100kHz,
VS = ±7.5V, TA = 125°C, fCLK = 5MHz, Ratio = 50:1
FREQUENCY (kHz)
GAIN (dB)
PHASE (deg)
10.000
–0.071
–33.800
20.000
–0.040
–67.800
30.000
0.050
–102.500
40.000
0.190
–138.300
50.000
0.410
–176.100
60.000
0.670
143.100
70.000
0.920
98.400
80.000
1.150
48.200
90.000
1.530
–10.900
100.000
1.110
–96.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com