Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-1 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC1069-1
Description  Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices LTC1069-1 Datasheet HTML 10Page - Analog Devices LTC1069-1 Datasheet HTML 11Page - Analog Devices LTC1069-1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC1064-4
12
10644fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
 LINEAR TECHNOLOGY CORPORATION 1991
LW/TP 1202 1K REV B • PRINTED IN USA
Figure 6. Compensating LTC1064-4 for Passband
Ripple of ±0.1dB and fCUTOFF Sweeps to 40kHz.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
1064-4 F06
1M
7.5V
0.1µF
–7.5V
0.1µF
5pF
5pF
453k
≤2MHz
LTC1064-4
COMP2*
V–
fCLK
50/100
VOUT
NC
INV C
VIN
AGND
V+
AGND
COMP1*
INV A
R(h, I)
VIN
VOUT
1
2
3
4
5
6
7
14
13
12
11
10
9
8
V+
1064-4 F07
1M
7.5V
0.1µF
–7.5V
0.1µF
30pF
30pF
453k
5MHz
LTC1064-4
COMP2*
V–
fCLK
50/100
VOUT
NC
INV C
VIN
AGND
V+
AGND
COMP1*
INV A
R(h, I)
VIN
VOUT
Figure 7. Compensating LTC1064-4 for fCUTOFF = 100kHz,
Gain at fCUTOFF = –1.3dB, Table 8.
TYPICAL APPLICATIO S
PART NUMBER
DESCRIPTION
COMMENTS
LTC1069-1
8th Order Elliptic Lowpass
S0-8 Package, Low Power
LTC1069-6
Single Supply, 8th Order Elliptic Lowpass
S0-8 Package, Very Low Power
LTC1569-6
DC Accurate, 10th Order Lowpass
Internal Precision Clock, Low Power, S0-8 Package
LTC1569-7
DC Accurate, 10th Order Lowpass
Internal Precision Clock, Delay Equalized, S0-8 Package
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com