Electronic Components Datasheet Search
  English  ▼

X  

EL2126CS Datasheet(PDF) 16 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 16 Page - Intersil Corporation

Back Button EL2126CS Datasheet HTML 11Page - Intersil Corporation EL2126CS Datasheet HTML 12Page - Intersil Corporation EL2126CS Datasheet HTML 13Page - Intersil Corporation EL2126CS Datasheet HTML 14Page - Intersil Corporation EL2126CS Datasheet HTML 15Page - Intersil Corporation EL2126CS Datasheet HTML 16Page - Intersil Corporation EL2126CS Datasheet HTML 17Page - Intersil Corporation EL2126CS Datasheet HTML 18Page - Intersil Corporation EL2126CS Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
FN7046.4
May 2, 2007
Output Drive Capability
The EL2126 is designed to drive low impedance load. It can
easily drive 6VP-P signal into a 100Ω load. This high output
drive capability makes the EL2126 an ideal choice for RF, IF,
and video applications. Furthermore, the EL2126 is
current-limited at the output, allowing it to withstand
momentary short to ground. However, the power dissipation
with output-shorted cannot exceed the power dissipation
capability of the package.
Driving Cables and Capacitive Loads
Although the EL2126 is designed to drive low impedance
load, capacitive loads will decreases the amplifier's phase
margin. As shown in the performance curves, capacitive
load can result in peaking, overshoot and possible
oscillation. For optimum AC performance, capacitive loads
should be reduced as much as possible or isolated with a
series resistor between 5
Ω to 20Ω. When driving coaxial
cables, double termination is always recommended for
reflection-free performance. When properly terminated, the
capacitance of the coaxial cable will not add to the capacitive
load seen by the amplifier.
Power Supply Bypassing And Printed Circuit
Board Layout
As with any high frequency devices, good printed circuit
board layout is essential for optimum performance. Ground
plane construction is highly recommended. Lead lengths
should be kept as short as possible. The power supply pins
must be closely bypassed to reduce the risk of oscillation.
The combination of a 4.7µF tantalum capacitor in parallel
with 0.1µF ceramic capacitor has been proven to work well
when placed at each supply pin. For single supply operation,
where pin 4 (VS-) is connected to the ground plane, a single
4.7µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor across pins 7 (VS+) and pin 4 (VS-) will suffice.
For good AC performance, parasitic capacitance should be
kept to a minimum. Ground plane construction again should
be used. Small chip resistors are recommended to minimize
series inductance. Use of sockets should be avoided since
they add parasitic inductance and capacitance which will
result in additional peaking and overshoot.
Supply Voltage Range and Single Supply
Operation
The EL2126 has been designed to operate with supply
voltage range of ±2.5V to ±15V. With a single supply, the
EL2126 will operate from +5V to +30V. Pins 4 and 7 are the
power supply pins. The positive power supply is connected
to pin 7. When used in single supply mode, pin 4 is
connected to ground. When used in dual supply mode, the
negative power supply is connected to pin 4.
As the power supply voltage decreases from +30V to +5V, it
becomes necessary to pay special attention to the input
voltage range. The EL2126 has an input voltage range of
0.4V from the negative supply to 1.2V from the positive
supply. So, for example, on a single +5V supply, the EL2126
has an input voltage range which spans from 0.4V to 3.8V.
The output range of the EL2126 is also quite large, on a +5V
supply, it swings from 0.4V to 3.8V.
EL2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com