Electronic Components Datasheet Search
  English  ▼

X  

EL2126CS Datasheet(PDF) 18 Page - Intersil Corporation

Part # EL2126CS
Description  Ultra-Low Noise, Low Power, Wideband Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2126CS Datasheet(HTML) 18 Page - Intersil Corporation

Back Button EL2126CS Datasheet HTML 11Page - Intersil Corporation EL2126CS Datasheet HTML 12Page - Intersil Corporation EL2126CS Datasheet HTML 13Page - Intersil Corporation EL2126CS Datasheet HTML 14Page - Intersil Corporation EL2126CS Datasheet HTML 15Page - Intersil Corporation EL2126CS Datasheet HTML 16Page - Intersil Corporation EL2126CS Datasheet HTML 17Page - Intersil Corporation EL2126CS Datasheet HTML 18Page - Intersil Corporation EL2126CS Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
FN7046.4
May 2, 2007
EL2126
Small Outline Transistor Plastic Packages (SOT23-5)
D
e1
E
E1
C
L
C
α
C
L
e
b
C
L
A2
A
A1
C
L
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
4
5
12
3
VIEW C
VIEW C
L
R1
R
4X
θ1
4X
θ1
GAUGE PLANE
L1
SEATING
α
L2
C
PLANE
c
BASE METAL
WITH
c1
b1
PLATING
b
P5.064
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.036
0.057
0.90
1.45
-
A1
0.000
0.0059
0.00
0.15
-
A2
0.036
0.051
0.90
1.30
-
b
0.012
0.020
0.30
0.50
-
b1
0.012
0.018
0.30
0.45
c
0.003
0.009
0.08
0.22
6
c1
0.003
0.008
0.08
0.20
6
D
0.111
0.118
2.80
3.00
3
E
0.103
0.118
2.60
3.00
-
E1
0.060
0.067
1.50
1.70
3
e
0.0374 Ref
0.95 Ref
-
e1
0.0748 Ref
1.90 Ref
-
L
0.014
0.022
0.35
0.55
4
L1
0.024 Ref.
0.60 Ref.
L2
0.010 Ref.
0.25 Ref.
N5
5
5
R
0.004
-
0.10
-
R1
0.004
0.010
0.10
0.25
α
0o
8o
0o
8o
-
Rev. 2 9/03
NOTES:
1. Dimensioning and tolerance per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC-74 and JEDEC MO178AA.
3. Dimensions D and E1 are exclusive of mold flash, protrusions,
or gate burrs.
4. Footlength L measured at reference to gauge plane.
5. “N” is the number of terminal positions.
6. These Dimensions apply to the flat section of the lead between
0.08mm and 0.15mm from the lead tip.
7. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com