Electronic Components Datasheet Search
  English  ▼

X  

L6353D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6353D
Description  SMART DRIVER FOR POWER MOS & IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6353D Datasheet(HTML) 5 Page - STMicroelectronics

  L6353D Datasheet HTML 1Page - STMicroelectronics L6353D Datasheet HTML 2Page - STMicroelectronics L6353D Datasheet HTML 3Page - STMicroelectronics L6353D Datasheet HTML 4Page - STMicroelectronics L6353D Datasheet HTML 5Page - STMicroelectronics L6353D Datasheet HTML 6Page - STMicroelectronics L6353D Datasheet HTML 7Page - STMicroelectronics L6353D Datasheet HTML 8Page - STMicroelectronics L6353D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AC ELECTRICAL CHARACTERISTICS
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ton
9 vs 1
Turn on Propagation Delay
Time
400
ns
toff
9 vs 16
Turn off propagation delay
time
400
ns
tr
1,16
Rise Time
50
ns
tf
Fall Time
50
ns
tfault
Delay Time for Fault
Detection
400
ns
THERMAL PROTECTION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Tth1
Over Temperature Threshold
(Thermal Procedure)
130
°C
Thys1
Over Temperature Threshold Hysteresis
20
°C
Tth2
Over Temperature Shutdown
160
°C
Thys2
Over Temperature Shutdown Hysteresis
20
°C
50%
50%
tOFF
tON
t
90%
90%
10%
10%
tf
tr
t
V
in
V
OUT
D94IN107
50%
50%
tW
0
5V
Figure 1: Switching waveforms and test circuit
INPUT
VCC
VPOS
POSITIVE
SUPPLY
100
µF
VREF
Vin
1nF
D94IN108B
OUT1
OUT2
VCLAMP_
PROG
MON_
DELAY
VSS
100
µF
NEGATIVE
SUPPLY
SELECT
100nF
VREF
100nF
DELAY
4.7K
Ω
4.7K
Ω
VREF
COM
VON_SENSE
13
1
16
15
10
7
4
14
9
8
11
23
D.U.T.
Figure 1a : Switching waveforms and test circuit
L6353
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com