Electronic Components Datasheet Search
  English  ▼

X  

L6353D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6353D
Description  SMART DRIVER FOR POWER MOS & IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6353D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6353D Datasheet HTML 2Page - STMicroelectronics L6353D Datasheet HTML 3Page - STMicroelectronics L6353D Datasheet HTML 4Page - STMicroelectronics L6353D Datasheet HTML 5Page - STMicroelectronics L6353D Datasheet HTML 6Page - STMicroelectronics L6353D Datasheet HTML 7Page - STMicroelectronics L6353D Datasheet HTML 8Page - STMicroelectronics L6353D Datasheet HTML 9Page - STMicroelectronics L6353D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Vin
INPUT
SELECT
Vin
V ton =Vsel +1.5V
Vsel
OFF
tW
tW
V toff =Vsel -1.5V
ON
D94IN114
INPUT PULSE
TRANSFORMER
t
Figure 2. Pulse Transformer mode operation.
VOUT1
VPOS
VCL
t
tDELAY
D94IN115
Vin
VSS
VG
VPOS
VCL
t
tr
VMILLER
VSS
VCE/VDS
VH.V.
VONth
t
trr
tMILLER
tMON_DELAY
t
Short circuit
or overcurrent
protected area
Figure 3. Gate driving voltage waveforms.
t MILLER
=
Q GATE
⋅ R G’
V CL
− V MILLER
QGATE (device dependent)
defined between 0V and
VCL
L6353
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com