Electronic Components Datasheet Search
  English  ▼

X  

VT171P Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VT171P
Description  Single Channel Transmissive Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT171P Datasheet(HTML) 5 Page - Vishay Siliconix

  VT171P Datasheet HTML 1Page - Vishay Siliconix VT171P Datasheet HTML 2Page - Vishay Siliconix VT171P Datasheet HTML 3Page - Vishay Siliconix VT171P Datasheet HTML 4Page - Vishay Siliconix VT171P Datasheet HTML 5Page - Vishay Siliconix VT171P Datasheet HTML 6Page - Vishay Siliconix VT171P Datasheet HTML 7Page - Vishay Siliconix VT171P Datasheet HTML 8Page - Vishay Siliconix VT171P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VT171P
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 09-Dec-2025
5
Document Number: 80507
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Relative Collector Current vs. Vertical Displacement
Fig. 14 - Rise / Fall Time vs. Collector Current
Fig. 15 - Application example
REFLOW SOLDER PROFILE
Fig. 16 - Lead (Pb)-free Reflow Solder Profile
According to J-STD-020
FLOOR LIFE
No time limit.
Moisture sensitivity level (MSL) 1, according to JEDEC®,
J-STD-020.
0.0
0.2
0.6
0.8
1.0
-1.5
-1
-0.5
0
0.5
1
1.5
S - Vertical Displacement (mm)
0
10
20
30
40
50
60
70
80
90
0
500
1000
1500
2000
I
C - Collector Current (μA)
T
amb = 25 °C
100
t
f
t
r
13887
74HCT14
GND
IF = 15 mA
+ VC = 5 V
10 k
Ω
VE
U Q
240 °C
Max. 260 °C
217 °C
255 °C
19841-1
10
100
1000
10000
0
100
200
300
0
50
100
150
200
300
Axis Title
Time (s)
50
150
250
250
245 °C
Max. 100 s
Max. 30 s
Max. 120 s
Max. ramp down 6 °C/s
Max. ramp up 3 °C/s



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com