Electronic Components Datasheet Search
  English  ▼

X  

VT171P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT171P
Description  Single Channel Transmissive Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT171P Datasheet(HTML) 1 Page - Vishay Siliconix

  VT171P Datasheet HTML 1Page - Vishay Siliconix VT171P Datasheet HTML 2Page - Vishay Siliconix VT171P Datasheet HTML 3Page - Vishay Siliconix VT171P Datasheet HTML 4Page - Vishay Siliconix VT171P Datasheet HTML 5Page - Vishay Siliconix VT171P Datasheet HTML 6Page - Vishay Siliconix VT171P Datasheet HTML 7Page - Vishay Siliconix VT171P Datasheet HTML 8Page - Vishay Siliconix VT171P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VT171P
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 09-Dec-2025
1
Document Number: 80507
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Single Channel Transmissive Sensor
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The VT171P is a compact transmissive sensor that includes
an infrared emitter and a phototransistor detector, located
face-to-face in a surface mount package. VT171P is
especially designed to meet high operating temperature
requirements and is released for operating temperature
ranges from -25 °C to +85 °C.
FEATURES
• Package type: surface-mount
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 5.5 x 4 x 5.7
• Gap (in mm): 3
• Aperture (in mm): 0.3
• Typical output current under test: IC = 1.5 mA
• Emitter wavelength: 950 nm
• Moisture sensitivity level (MSL): 1
• Material categorization: for definitions of
compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Accurate position sensor for encoder
• Detection of motion speed
Note
• Conditions like in table basic characteristics / coupler
Note
• MOQ: minimum order quantity
Pin connection
Top view
Coll.
NC
E
A
Cath.
NC
21848
333
DDD3 D
3D Models
Application
Notes
PRODUCT SUMMARY
PART NUMBER
GAP WIDTH
(mm)
APERTURE WIDTH
(mm)
TYPICAL OUTPUT
CURRENT UNDER TEST (1)
(mA)
DAYLIGHT
BLOCKING FILTER
INTEGRATED
VT171P
3
0.3
1.5
No
ORDERING INFORMATION
ORDERING CODE
PACKAGING
VOLUME (1)
REMARKS
VT171P
Tape and reel
MOQ: 1300 pcs, 1300 pcs/reel
-


Similar Part No. - VT171P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT1712 ETC2-VT1712 Datasheet
462Kb / 84P
PCI Multi-Channel Audio Controller
VT1712-128PQFP ETC2-VT1712-128PQFP Datasheet
462Kb / 84P
PCI Multi-Channel Audio Controller
More results

Similar Description - VT171P

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA1881 HONEYWELL-HOA1881 Datasheet
305Kb / 4P
Transmissive Sensor
HOA1883 HONEYWELL-HOA1883 Datasheet
284Kb / 4P
Transmissive Sensor
HOA1887 HONEYWELL-HOA1887 Datasheet
312Kb / 4P
Transmissive Sensor
HOA1889 HONEYWELL-HOA1889 Datasheet
149Kb / 4P
Dual Channel Transmissive Sensor
HOA1873 HONEYWELL-HOA1873 Datasheet
300Kb / 4P
Transmissive Sensor
HOA086X HONEYWELL-HOA086X Datasheet
491Kb / 4P
Transmissive Sensor
logo
Honeywell Accelerometer...
HOA0882-T55 HONEYWELL-ACC-HOA0882-T55 Datasheet
326Kb / 4P
Transmissive Sensor
HOA2862-002 HONEYWELL-ACC-HOA2862-002 Datasheet
383Kb / 4P
Transmissive Sensor
logo
Vishay Siliconix
TCUT1630X01 VISHAY-TCUT1630X01 Datasheet
371Kb / 8P
Triple Channel Transmissive Optical Sensor With Phototransistor Outputs for “Turn and Push” Encoding
21-Feb-18
TCUT1800X01 VISHAY-TCUT1800X01 Datasheet
335Kb / 8P
Quad Channel Transmissive Optical Sensor With Phototransistor Outputs for Absolute and Incremental Encoding
16-Feb-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com