Electronic Components Datasheet Search
  English  ▼

X  

LTC1164ACN Datasheet(PDF) 1 Page - Analog Devices

Part # LTC1164ACN
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1164ACN Datasheet(HTML) 1 Page - Analog Devices

  LTC1164ACN Datasheet HTML 1Page - Analog Devices LTC1164ACN Datasheet HTML 2Page - Analog Devices LTC1164ACN Datasheet HTML 3Page - Analog Devices LTC1164ACN Datasheet HTML 4Page - Analog Devices LTC1164ACN Datasheet HTML 5Page - Analog Devices LTC1164ACN Datasheet HTML 6Page - Analog Devices LTC1164ACN Datasheet HTML 7Page - Analog Devices LTC1164ACN Datasheet HTML 8Page - Analog Devices LTC1164ACN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1164
1
1164fa
■
Low Power
■
4 Filters in a 0.3" Wide Package
■
1/2 the Noise of the LTC1059, 60, 61 Devices
■
Wide Output Swing
■
Clock-to-Center Frequency Ratios of 50:1 and 100:1
■
Operates from ±2.37V to ±8V Power Supplies
■
Customized Version with Internal Resistors Available
■
Ratio of 50:1 and 100:1 Simultaneously Available
The LTC
®1164 consists of four low power, low noise
2nd order switched capacitor filter building blocks. Each
building block typically consumes 850µA supply current.
Low power is achieved without sacrificing noise and
distortion. Each building block, together with 3 to 5
resistors, can provide 2nd order functions like lowpass,
highpass, bandpass, and notch. The center frequency of
each 2nd order section can be tuned with an external clock,
or a clock and resistor ratio. For Q < 5, the center frequency
range is from 0.1Hz to 20kHz. Up to 8th order filters can
be realized by cascading all four 2nd order sections. Any
classical filter realization (such as Butterworth, Cauer,
Bessel, and Chebyshev) can be formed.
A customized monolithic version of the LTC1164
including internal thin film resistors can be obtained.
Consult LTC Marketing for details.
The LTC1164 is manufactured using Linear Technology’s
enhanced LTCMOS™ silicon gate process.
Low Power, Low Noise, Quad
Universal Filter Building Block
■
Antialiasing Filters
■
Telecom Filters
■
Spectral Analysis
■
Loop Filters
■
For Fixed Lowpass Filter Requirements use the
LTC1164-XX Series
Dual 5th Order Linear Phase Filter with Stopband Notch
Dual 5th Order Linear Phase Filter with
Stopband Notch, fCLK = 500kHz
FREQUENCY (Hz)
1k
10k
100k
LTC1164 • TA02
VOUT2
VOUT1
–90.00
–70.00
–40.00
10.00
–10.00
–80.00
–60.00
–50.00
–30.00
0.0
–20.00
SUPPLY
TOTAL
VOLTAGE
VIN
HARMONIC DISTORTION
SIGNAL/NOISE
±2.5
1VRMS
0.015% (– 76dB)
86dB
±5.0
2VRMS
0.025% (– 72dB)
92dB
±7.5
4VRMS
0.04% (– 68dB)
98dB
LTC1164 • TA01
0.1µF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
549k
63.4k
49.9k
78.7k
8.66k
C1
C2
36.5k
36.5k
49.9k
63.4k
549k
78.7k
8.66k
133k
102k
VIN1
VIN2
VOUT1
VOUT2
fCLK
174k
102k
174k
133k
210k
C1 = 0.0033µF
C2 = 0.0068µF
fCLK = 500kHz
WIDEBAND NOISE = 50µVRMS
TOTAL SUPPLY CURRENT = 3mA
ALL RESISTORS ARE 1% METAL FILM
210k
V+
V–
0.1µF
LTC1164
FEATURES
DESCRIPTIO
APPLICATIO S
LTCMOS trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO


Similar Part No. - LTC1164ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164ACN LINER-LTC1164ACN Datasheet
1Mb / 15P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1164ACN LINER-LTC1164ACN Datasheet
204Kb / 16P
Low Power, Low Noise, Quad Universal Filter Building Block
More results

Similar Description - LTC1164ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1067-50 LINER-LTC1067-50_15 Datasheet
299Kb / 20P
Rail-to-Rail, Very Low Noise Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com