Electronic Components Datasheet Search
  English  ▼

X  

LTC1164ACN Datasheet(PDF) 12 Page - Analog Devices

Part # LTC1164ACN
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1164ACN Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC1164ACN Datasheet HTML 8Page - Analog Devices LTC1164ACN Datasheet HTML 9Page - Analog Devices LTC1164ACN Datasheet HTML 10Page - Analog Devices LTC1164ACN Datasheet HTML 11Page - Analog Devices LTC1164ACN Datasheet HTML 12Page - Analog Devices LTC1164ACN Datasheet HTML 13Page - Analog Devices LTC1164ACN Datasheet HTML 14Page - Analog Devices LTC1164ACN Datasheet HTML 15Page - Analog Devices LTC1164ACN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC1164
12
1164fa
Figure 11. 8th Order Lowpass Butterworth, Passband Noise 90µVRMS
(Also Refer to the LTC1164-5)
LTC1164 8th Order Butterworth,
fCLK = 500kHz, f–3dB = 10kHz
LTC1164 8th Order Butterworth,
fCLK = 500kHz, f–3dB = 10kHz ±8V,
A. 2VRMS, B. 4VRMS
LTC1164 • AC02
FREQUENCY (Hz)
1k
– 90.00
– 70.00
– 40.00
10.00
10k
50k
– 10.00
– 80.00
– 60.00
– 50.00
– 30.00
0.0
– 20.00
FREQUENCY (Hz)
500
0.001
0.010
0.1
1k
10k
LTC1164 • AC03
A
B
LTC1164 • AC01
124
2
23
3
22
421
5
20
6
19
18
7
8
17
916
10
15
11
14
12
13
8V
82.5k
88.7k
88.7k
76.8k
76.8k
90.9k
90.9k
15V
-15V
-8V
8V
75k
130k
154k
154k
130k
76.8k
75k
154k
196k
VIN
VOUT
fCLK
0.1µF
0.1µF
0.1µF
0.1µF
fCLK = 500kHz
f–3dB =
fCLK
50
LT1056
1k
–
+
LTC1164
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com