Electronic Components Datasheet Search
  English  ▼

X  

DS15MB200 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS15MB200
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15MB200 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS15MB200 Datasheet HTML 2Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 3Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 4Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 5Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 9Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Performance Characteristics
Power Supply Current vs. Bit Data Rate
Total Jitter vs. Bit Data Rate
20157320
Dynamic power supply current was measured with all channels active and
toggling at the bit data rate. Data pattern has no effect on the power
consumption. VDD = 3.3V, TA = +25˚C, VID = 0.5V, VCM = 1.2V
20157321
Total Jitter measured at 0V differential while running a PRBS 27-1 pattern
with one channel active, all other channels are disabled. VDD = 3.3V, TA =
+25˚C, VID = 0.5V, pre-emphasis off.
Total Jitter vs. Temperature
20157322
Total Jitter measured at 0V differential while running a PRBS 27-1 pattern
with one channel active, all other channels are disabled. VDD = 3.3V, VID =
0.5V, VCM = 1.2V, 1.5 Gbps data rate, pre-emphasis off.
FIGURE 1. LLP Performance Characteristics
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com