Electronic Components Datasheet Search
  English  ▼

X  

DS15MB200 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS15MB200
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15MB200 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS15MB200 Datasheet HTML 1Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 2Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 3Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 4Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 5Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DS15MB200
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with
Pre-Emphasis
General Description
The DS15MB200 is a dual-port 2 to 1 multiplexer and 1 to 2
repeater/buffer. High-speed data paths and flow-through pi-
nout minimize internal device jitter and simplify board layout,
while pre-emphasis overcomes ISI jitter effects from lossy
backplanes and cables. The differential inputs and outputs
interface to LVDS or Bus LVDS signals such as those on
National’s 10-, 16-, and 18- bit Bus LVDS SerDes, or to CML
or LVPECL signals.
The 3.3V supply, CMOS process, and robust I/O ensure high
performance at low power over the entire industrial -40 to
+85˚C temperature range.
Features
n
1.5 Gbps data rate per channel
n
Configurable off/on pre-emphasis drives lossy
backplanes and cables
n
LVDS/BLVDS/CML/LVPECL compatible inputs, LVDS
compatible outputs
n
Low output skew and jitter
n
On-chip 100
Ω input and output termination
n
15 kV ESD protection on LVDS inputs/outputs
n
Hot plug Protection
n
Single 3.3V supply
n
Industrial -40 to +85˚C temperature range
n
48-pin LLP Package
Typical Application
20157310
Block Diagram
20157301
May 2006
© 2006 National Semiconductor Corporation
DS201573
www.national.com


Similar Part No. - DS15MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200 TI1-DS15MB200 Datasheet
874Kb / 18P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200 TI2-DS15MB200 Datasheet
534Kb / 19P
DS15MB200 Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
REVISED MARCH 2013
logo
National Semiconductor ...
DS15MB200TSQ NSC-DS15MB200TSQ Datasheet
581Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200TSQ TI1-DS15MB200TSQ Datasheet
874Kb / 18P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results

Similar Description - DS15MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com