Electronic Components Datasheet Search
  English  ▼

X  

L6452 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6452
Description  DUAL 13X16 MATRIX HEAD INK JET DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6452 Datasheet HTML 4Page - STMicroelectronics L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics L6452 Datasheet HTML 10Page - STMicroelectronics L6452 Datasheet HTML 11Page - STMicroelectronics L6452 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
HEAD ADDRESS SELECTOR OUTPUT
Th
Up Counting, Reset Counter,
Select Channel, Clock Counter
and Enable Internal Counter
set-up time with respect to
Enable channel
150
ns
Tk
Up Counting, Reset Counter,
Select Channel, Clock Counter
and Enable Internal Counter
hold time with respect to
Enable channel
50
ns
Tj
Up Counting with respect to
Clock Counter hold time
200
ns
Ti
Up counting with respect to
Clock Counter set_up time
100
ns
Tm
Enable input to active output
delay time
100
ns
Tn
Clock to active output delay
time
150
ns
To
Disable input to inactive output
delay time
100
ns
fclk-counter
Counter Clock Frequency
1
MHz
ClKdc
Clock duty cycle
10
90
%
Ton/off
Turn on/off time
From 50% Clock counter or
selector signal to 90% of the
address output variation Load:
see fig. 10
325
ns
COUNTER TRUTH TABLE
Enable internal counter = 1
Up Counting = 1
Reset Counter = 1
Clock Counter
C3
C2
C1
C0
00
00
0
00
01
00
11
00
10
01
10
01
11
01
01
01
00
11
00
11
01
11
11
11
10
10
10
10
00
00
00
DC ELECTRICAL CHARACTERISTICS (Tj =25
°C)
L6452
8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com