Electronic Components Datasheet Search
  English  ▼

X  

L6452 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6452
Description  DUAL 13X16 MATRIX HEAD INK JET DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6452 Datasheet(HTML) 3 Page - STMicroelectronics

  L6452 Datasheet HTML 1Page - STMicroelectronics L6452 Datasheet HTML 2Page - STMicroelectronics L6452 Datasheet HTML 3Page - STMicroelectronics L6452 Datasheet HTML 4Page - STMicroelectronics L6452 Datasheet HTML 5Page - STMicroelectronics L6452 Datasheet HTML 6Page - STMicroelectronics L6452 Datasheet HTML 7Page - STMicroelectronics L6452 Datasheet HTML 8Page - STMicroelectronics L6452 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin #
Name
Function
30
NCEn
A high level enables the internal current sources and disables all DMOS outputs. To
be active, the internal current sources must have their corrsponding bit set in the 16 bit
latch and Long Pulse must be set to low level. A low level enables the internal HSA/B
short circuit detection
31
Latch Data
A rising edge latches the 16 bit stored in the shift register in the 16 bit latch
32
SDI
Serial data input of the shift register
33
SDC
The data bit presented to the Serial Data Input pin is stored into the register on the
rising edge of this pin
34
Long Pulse
A low level activates all outputs having their coresponding bit in the 16 bit latch set
(this pin has an internal pull-up resistor)
35
Short Pulse
A low level activates all outputs having their coresponding bit in the 16 bit latch reset
(this pin has an internal pull-up resistor)
36
_Reset
A low level disables all functions and clears all registers
37
ConvStart
A high level enables the A/D to start the new conversion
38
ADCK
A/D clock signal; the ADDATA signal are valid on the falling edge of this pin
39
NCOut
If Nozzle Check Enable is high this output provides a high level when the open load is
detected on the output. If Nozzle Check Enable is low this output provides a high level
when a short circuit is detected on HSA/B output
40
CH0_buf
Analog output signal (CH0 buffered)
41
ADDATA
A/D serial data output
42
AnalogGND
Analog ground connection
43
ADCGND
Ground of internal ADC
44, 90
Va
Power supply
45
Vref
Reference voltage generator
46 to 50
CH5..CH1
A/D input signals
52 to 64
HSB1..HSB13
Head selector address output channel B
65
Vr
Head Select Power Supply
66 to 78
HSA13..HSA1
Head selector address output channel A
80
EnlC
A high level enables the counter and the internal decoder will activate of the HSx
outputs according to the counter’s outputs. Signal S0 becomes Clock Counter and S1
becomes Reset Counter
81
ChSel
A low level enables channel A and a high level enables channel B
82
S3
Decoder input signals when Enable Counter is low
83
UpC/ S2
A high level enables the internal counter to up counting. A low level enables down
counting
84
ResC/S1
A low level resets the internal counter
85
_EnCh
A low level enables the selected channel (this input has an internal pull up resistor)
86
ClkC/S0
A high level clocks the internal counter
87
Step up GND
Ground of step up block
88
Step up boost
Boost voltage
89
Vstep up
Driving voltage of power DMOS stage
91
VDD
5V logic supply
93
Rext
An external resistor connected versus ground fixes the internal current source value
94, 95
RxB, RxA
Current source outputs
96, 97
VxA, VxB
RxA, RxB voltage after an optional external filter
98
_ONenable
A low level enables the current source generator according the _A/B and ON/_OFF
control register bit
99
CRclock
Data on pin CRdata are stored into the register on the rising edge of this pin
100
CRdata
Control register serial data input
PIN FUNCTIONS (continued)
L6452
3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com